Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0428 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0428
Description  IGBT Power module evaluation kit - Semitop2 power board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0428 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0428 Datasheet HTML 19Page - STMicroelectronics UM0428 Datasheet HTML 20Page - STMicroelectronics UM0428 Datasheet HTML 21Page - STMicroelectronics UM0428 Datasheet HTML 22Page - STMicroelectronics UM0428 Datasheet HTML 23Page - STMicroelectronics UM0428 Datasheet HTML 24Page - STMicroelectronics UM0428 Datasheet HTML 25Page - STMicroelectronics UM0428 Datasheet HTML 26Page - STMicroelectronics UM0428 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
UM0428
Motor control demonstration
25/27
68
2
R69,R128
3.9 k
Ω
1/4 W
69
1
R70
22 k
Ω
1/4 W
70
1
R83
39 k
Ω
1/4 W
71
1
R84
100
Ω
1/4 W
72
8
R85,R86,R87,R88,R89,R90,R112,R119
47 k
Ω
1/4 W
73
2
R92,R98
47 k
Ω
1 W
74
1
R91
120
Ω
1/4 W
75
2
R93,R95
470 k
Ω
1/4 W
76
6
R94,R97,R105,R108,R120,R122
220
Ω
1/4 W
77
6
R96,R100,R107,R113,R121,R124
22
Ω
1/4 W
78
1
R99
8.2 k
Ω
1/4 W
79
5
R73,R101,R114, R116,R123
NC
NC
80
3
R102,R115,R126
100
Ω
1/4 W
81
3
R104,R118,R127
0.1
Ω
5W
3%
82
1
R109
3.3 k
Ω
1/4 W
83
1
R111
1.5 k
Ω
1/4 W
84
1
T1
STF715
85
1
U1
TSH24ID
86
1
U2
TS374ID
87
1
U4
M74HC09RM13TR
88
1
U6
M74HCT7007RM13TR
89
3
U7,U10,U15
L6386D
90
1
U8
VIPer12AS
91
1
U9
L7815CP
92
1
U11
L7805CP
93
1
U12
TS372ID
94
1
U14
LD1117S33TR
95
12
W1,W2,W4,W5,W6,W7,W9,W11,W16,W21,W22,W23
Stripline 3 Pin + Jumper
96
8
W3,W8,W12,W13,W14,W18,W19,W24
Stripline 2 Pin + Jumper
97
1
W10
Stripline 6 pin two line + Jumper
98
1
Z1
BZW50-100B
99
2
Z2,Z3
BZW50-120B
100
1
Z4
BZX84C15
Table 9.
Bill of materials (continued)
Item
Qty
Reference
Part name/value
V/
power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com