Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P236 Datasheet(PDF) 18 Page - NEC

Part # UPD17P236
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236 Datasheet(HTML) 18 Page - NEC

Back Button UPD17P236 Datasheet HTML 14Page - NEC UPD17P236 Datasheet HTML 15Page - NEC UPD17P236 Datasheet HTML 16Page - NEC UPD17P236 Datasheet HTML 17Page - NEC UPD17P236 Datasheet HTML 18Page - NEC UPD17P236 Datasheet HTML 19Page - NEC UPD17P236 Datasheet HTML 20Page - NEC UPD17P236 Datasheet HTML 21Page - NEC UPD17P236 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
µPD17P236
18
Data Sheet U14776EJ1V0DS00
X IN
X OUT
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Resonator
Recommended
Item
Conditions
MIN.
TYP.
MAX.
Unit
Constants
Ceramic
Oscillation frequency
1.0
4.0
8.0
MHz
resonator
(fX)
Note 1
Oscillation
After VDD reached MIN.
4
ms
stabilization time
Note 2
in oscillation voltage
range
Notes 1. The oscillation frequency only indicates the oscillator characteristics.
2. The oscillation stabilization time is necessary for oscillation to be stabilized, after VDD application or
STOP mode release.
Caution To use a system clock oscillator circuit, perform the wiring in the area enclosed by the dotted
line in the above figure as follows, to avoid adverse wiring capacitance influences:
Keep wiring length as short as possible.
Do not cross a signal line with some other signal lines. Do not route the wiring in the vicinity
of lines through which a large current flows.
Always keep the oscillator capacitor ground at the same potential as GND. Do not ground the
capacitor to a ground pattern, through which a large current flows.
Do not extract signals from the oscillator.
External circuit example
XIN
XOUT
R1
C2
C1
Remark
For the resonator selection and oscillator constant, customers are requested to either evaluate the
oscillation themselves or apply to the resonator manufacturer for evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com