Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2432 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2432
Description  This document describes a 60W adapter application using
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2432 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2432 Datasheet HTML 18Page - STMicroelectronics AN2432 Datasheet HTML 19Page - STMicroelectronics AN2432 Datasheet HTML 20Page - STMicroelectronics AN2432 Datasheet HTML 21Page - STMicroelectronics AN2432 Datasheet HTML 22Page - STMicroelectronics AN2432 Datasheet HTML 23Page - STMicroelectronics AN2432 Datasheet HTML 24Page - STMicroelectronics AN2432 Datasheet HTML 25Page - STMicroelectronics AN2432 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AN2432
Bill of materials
22/27
R14
2.2k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R15
68k
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R16
2.7Meg
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R17
2.7Meg
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R18
9.1k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R19
33k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R20
2.7k
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R21
20k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R22
1.5k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R23
N.M.
SMD standard film resistor - 0805
Vishay
R24
47k
SMD standard film resistor- 1206 - 1% - 100ppm/°C
Vishay
R25
15k
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
R27
20k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R26
82k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R28
3.9k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R29
10
SMD standard film resistor - 0805 - 5% - 250ppm/°C
Vishay
R32
0
SMD standard film resistor - 0805
Vishay
R33
9.1k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R34
0
SMD standard film resistor - 1206
Vishay
R37
330k
SMD standard film resistor - 0805 - 1% - 100ppm/°C
Vishay
R38
33k
SMD standard film resistor - 1206 - 5% - 250ppm/°C
Vishay
R39
0
SMD standard film resistor - 1206
Vishay
R40
1Meg
SMD standard film resistor - 1206 - 1% - 100ppm/°C
Vishay
T1
See Spec
Power transformer
U1
STSR30D
Synchronous rectifier smart driver
STMicroelectronics
U2
L78L05ACZ
Voltage regulator
STMicroelectronics
U3
L6668
Smart primary controller
STMicroelectronics
U4
TSM1015ID
Voltage and current controller
STMicroelectronics
U5
PC817X2J000F
Optocoupler
Sharp
Table 11.
Part list (continued)
Ref
Part Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com