Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2439 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2439
Description  27 W Output power ultra wide range input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2439 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2439 Datasheet HTML 3Page - STMicroelectronics AN2439 Datasheet HTML 4Page - STMicroelectronics AN2439 Datasheet HTML 5Page - STMicroelectronics AN2439 Datasheet HTML 6Page - STMicroelectronics AN2439 Datasheet HTML 7Page - STMicroelectronics AN2439 Datasheet HTML 8Page - STMicroelectronics AN2439 Datasheet HTML 9Page - STMicroelectronics AN2439 Datasheet HTML 10Page - STMicroelectronics AN2439 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2439
Board description
7/20
1.3
Input section
The schematic of the input section is given in Figure 4. We used two separated connectors
for the AC input voltage (88 VAC to 265 VAC) and for the DC input voltage (36 VDC to 72VDC).
The system works correctly if we feed the converter with the Dc voltage in the AC input
voltage connector. We used a separated connector in order to gain efficiency.
Using the additional connector for the Dc input voltage we use two different NTCs to limit the
inrush current in the two cases. NTC1 has to limit the inrush current, considering as worst
case the maximum AC Peak input voltage. NTC2 has to limit the inrush current, considering
as worst case the maximum DC voltage (72 V) which means that NTC2 can be lower than
NTC1 and dissipates less energy.
The DC voltage is connected to the bulk capacitors through one diode (used for protection in
case we connect the Dc input with the wrong polarity) so we cut one half of power
dissipation compared to the power we would dissipate in the bridge.
Figure 4.
Input section
1.4
Buck DC-DC converter post regulator [3.]
The second output of 3.3 V, able to provide up to 5 A to its load, is obtained using a
switching post regulation. The post regulator is a synchronous buck converter based on the
L6725 controller and the schematic is given in Figure 5.
-+
BR1
BRIDGE
1
4
C1
1nF Y 1
C3
1nF Y 1
NTC1
8.2 2A
1
2
C5
33 uF
C4
33uF
J1
CON2
1
2
J2
CON2
1
2
F1
2A
C2
100nF
NTC2
.82 2A
1
2
C222
100nF
D8 600V 3A diode
FILTER1
Lin Filter
3
4
2
1
Primary +
Start up Circuit
Dc Input
Voltage
Ac Input
Voltage
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com