Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2459 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 27Page - STMicroelectronics AN2459 Datasheet HTML 28Page - STMicroelectronics AN2459 Datasheet HTML 29Page - STMicroelectronics AN2459 Datasheet HTML 30Page - STMicroelectronics AN2459 Datasheet HTML 31Page - STMicroelectronics AN2459 Datasheet HTML 32Page - STMicroelectronics AN2459 Datasheet HTML 33Page - STMicroelectronics AN2459 Datasheet HTML 34Page - STMicroelectronics AN2459 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Components calculation
AN2459 - Application note
32/35
A.4
Power MOSFET
The choice of MOSFET mainly concerns the RDSon, which depends on the output power.
The breakdown voltage is fixed by sum of the output voltage, the overvoltage and a safety
margin .
The MOSFET's power dissipation depends on conduction and switching losses.
The conduction losses are given by:
where:
Switching losses due to current-voltage cross occur only at turn-off because of the TM
operation:
where tfall is the crossover time at turn-off. At turn-on, loss is due to the discharge of the total
drain capacitance inside the MOSFET itself. In general, these losses are given by:
where Coss is the internal drain capacitance of the MOSFET (at VDS = 25V), Cd is the total
external drain parasitic capacitance and VDRAIN is the drain voltage at MOSFET turn-on. In
practice, it is possible to give only a rough estimate of the total switching losses because
both fsw and VDRAIN change along a given line half-cycle. VDRAIN, in particular, is affected
not only by the sinusoidal change of the input voltage but also by the drop due to the
resonance of the boost inductor with the total drain capacitance. At low mains voltage, this
causes VDRAIN to be zero during a significant portion of each line half-cycle. It is possible to
show that "Zero-Voltage-Switching" occurs as long as the instantaneous line voltage is less
than half the output voltage.
2
PON = IQrms • RDSon
PCROSS = VO • Irms • tfall • fsw
PCAP =
(3.3 • COSS • VDRAIN +
• Cd • VDRAIN
1.5
2
1
2
) • fsw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com