Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2823 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2823
Description  Current source for LED driving based on the L5973AD
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2823 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2823 Datasheet HTML 25Page - STMicroelectronics AN2823 Datasheet HTML 26Page - STMicroelectronics AN2823 Datasheet HTML 27Page - STMicroelectronics AN2823 Datasheet HTML 28Page - STMicroelectronics AN2823 Datasheet HTML 29Page - STMicroelectronics AN2823 Datasheet HTML 30Page - STMicroelectronics AN2823 Datasheet HTML 31Page - STMicroelectronics AN2823 Datasheet HTML 32Page - STMicroelectronics AN2823 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN2823
The L5973AD in LED driving applications
Doc ID 15015 Rev 1
29/33
Figure 29.
Spread of the LED current vs. voltage drop (ILED=350 mA)
Figure 27 and 28 are useful to choose the required voltage sense to satisfy the efficiency
specification. From Figure 29, it follows that the circuit topology using the external
operational amplifier becomes attractive in terms of parameter spread when the sense
voltage is lower than 650 mV (LED current is 350 mA). The trade-off between required
current accuracy and efficiency determines the circuit topology to be used in the design. As
discussed in Section 2.1.4 (topology 2), the accuracy of the current is mainly affected by the
voltage offset of the external error amplifier: better results can be achieved by selecting an
error amplifier with a limited offset (i.e. trimmed). Figure 29 shows the same data provided in
Figure 28, but considering a maximum voltage offset of ±0.5 mV (which is also the typical
offset of the TS321 device): the spread of the load current drops from 10.7% (Figure 29) to
7.7% (Figure 28), when VSENSE=300 mV. As a consequence, selecting an external error
amplifier with a better offset voltage decreases the intersection point of the two traces in
Figure 29, making topology II more convenient than topology I, in terms of current accuracy,
for a wider VSENSE range.
AM01379v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com