Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2841 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 23Page - STMicroelectronics AN2841 Datasheet HTML 24Page - STMicroelectronics AN2841 Datasheet HTML 25Page - STMicroelectronics AN2841 Datasheet HTML 26Page - STMicroelectronics AN2841 Datasheet HTML 27Page - STMicroelectronics AN2841 Datasheet HTML 28Page - STMicroelectronics AN2841 Datasheet HTML 29Page - STMicroelectronics AN2841 Datasheet HTML 30Page - STMicroelectronics AN2841 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN2841
Achieved values
29/31
Table 12 and Table 13 show the results in case you remove the additional LE edge used for
the measurement of the interrupt end and optimize time between two interrupts (used for
SPI in 16-bit mode).
4.1
Dimming approach comparison and conclusion
4.1.1
Comparison between interrupt and interrupt + DMA approaches
When using the single interrupt approach described in Figure 12 and Figure 13, the time
spent by the MCU to drive the LEDs is long and little time is left to execute other tasks.
The combination of the single interrupt + DMA approach frees more computing time for
other tasks. This approach does not improve the refresh rate.
4.1.2
Comparison between dynamic preparation, static, and reduced static
lookup table
The dynamic data preparation shown in Figure 9 allows to save memory but requires
additional computing time.
The static lookup table method saves computing time. However, the computing must be
performed at the beginning of the dimming.
The reduced static lookup table offers the same functionalities as a full lookup table, while
saving memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com