Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2863 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2863
Description  Smart inductive proximity switch with SPT01-335DEE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2863 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2863 Datasheet HTML 1Page - STMicroelectronics AN2863 Datasheet HTML 2Page - STMicroelectronics AN2863 Datasheet HTML 3Page - STMicroelectronics AN2863 Datasheet HTML 4Page - STMicroelectronics AN2863 Datasheet HTML 5Page - STMicroelectronics AN2863 Datasheet HTML 6Page - STMicroelectronics AN2863 Datasheet HTML 7Page - STMicroelectronics AN2863 Datasheet HTML 8Page - STMicroelectronics AN2863 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2863
Sensor overview
Doc ID 15277 Rev 1
5/13
2
Sensor overview
Proximity switches are generally applied to sense the position of a moving object in
manufacturing processes. Typically, they utilize an oscillator drive circuit in combination with
an induction tank circuit. The tank circuit includes an induction coil as a means for sensing
the presence of an object such as metal. The magnetic field induces eddy currents in
a conductive object which comes within the generated magnetic field. The oscillation
amplitude is attenuated due to the energy drawn from the induction coil. The amount of the
oscillation attenuation is directly related to the distance between the metal object and the
induction coil.
A typical inductive proximity switch employs a ferrite cup core as the sensing element.
It allows the flux field to be focused in front of the cup and further prolong the sensing
distance. The oscillator usually operates between 100 kHz and 800 kHz, where the eddy
current losses are significant.
Some benefits of the MCU approach compared with a traditional solution include:
●
More reliable operation thanks to the sensor self diagnostics
●
Easy and cheap sensor trimming in the production line
●
Digital temperature compensation
●
Linearization of the sensor characteristic
●
Easy realization of an analog or a PWM output.
Figure 2.
Smart inductive proximity switch block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com