Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P236M2 Datasheet(PDF) 1 Page - NEC

Part # UPD17P236M2
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M2 Datasheet(HTML) 1 Page - NEC

  UPD17P236M2 Datasheet HTML 1Page - NEC UPD17P236M2 Datasheet HTML 2Page - NEC UPD17P236M2 Datasheet HTML 3Page - NEC UPD17P236M2 Datasheet HTML 4Page - NEC UPD17P236M2 Datasheet HTML 5Page - NEC UPD17P236M2 Datasheet HTML 6Page - NEC UPD17P236M2 Datasheet HTML 7Page - NEC UPD17P236M2 Datasheet HTML 8Page - NEC UPD17P236M2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
DATA SHEET
©
2000
MOS INTEGRATED CIRCUIT
µPD17P236
The
µPD17P236 is a model of the µPD17236 with a one-time PROM instead of an internal mask ROM.
Since the user can write programs to the
µPD17P236, it is ideal for experimental production or small-scale
production of the
µPD17230, 17231, 17232, 17233, 17234, 17235, or 17236 systems.
When reading this document, also read the documents related to the
µPD17230, 17231, 17232, 17233, 17234,
17235, and 17236.
Detailed functions are described in the following user's manual. Read this manual when designing your system.
µPD172×× Series User's Manual: U12795E
FEATURES
Pin compatible with
µPD17230, 17231, 17232, 17233, 17234, 17235, and 17236 (except PROM programming
function)
Carrier generator circuit for infrared remote controller (REM output)
17K architecture: General-purpose register method
Program memory (one-time PROM): 32 Kbytes (16,384
× 16)
Data memory (RAM): 223
× 4 bits
Low-voltage detection circuit
Input/output of P1A0 pin, clock selection for carrier generation
µPD17P236M1
µPD17P236M2
µPD17P236M3
µPD17P236M4
Input/output of P1A0 pin
Output
Input
Output
Input
Clock (RfX) selection for carrier generation
RfX = fX/2
RfX = fX
Supply voltage: VDD = 2.2 to 3.6 V (fX = 4 MHz: high-speed mode, 4
µs)
VDD = 3.0 to 3.6 V (fX = 8 MHz: high-speed mode, 2
µs)
APPLICATIONS
Preset remote controllers, toys, and portable systems
Document No. U14776EJ1V0DS00 (1st edition)
Date Published June 2000 J CP(K)
Printed in Japan
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR SMALL GENERAL-PURPOSE INFRARED
REMOTE CONTROLLER
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.


Similar Part No. - UPD17P236M2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17P236M2 RENESAS-UPD17P236M2 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M2GT RENESAS-UPD17P236M2GT Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
UPD17P236M2MC-5A4 RENESAS-UPD17P236M2MC-5A4 Datasheet
572Kb / 34P
MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD17P236M2

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17P218 NEC-UPD17P218 Datasheet
231Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROLLER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com