Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N52007M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N52007M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 7M (23-ft.)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N52007M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N52007M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N52007M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N52007M Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Duplex Multimode 50/125 Fiber Patch Cable
(LC/LC), 7M (23-ft.)
MODEL NUMBER: N520-07M
Description
Tripp Lite's 7-meter multimode duplex Fibre Channel optic LC/LC patch cable is manufactured from 50/125
zipcord fiber. The cable has LC connectors on each end. It has a PVC jacket and is FDDI and OFNR rated.
50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward compatible with 62.5 micron fiber and provides built-in
headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in lengths up to 152
meters. Enter "N520-" in the search field to bring up all lengths. For LC-SC cables, search "N516-", and for SC-SC, search "N506-".
Features
Constructed with 50/125 micron cable
Length: 7-meters
Use on fiber and fibre channel installations
LC male to LC male connectors
Higher bandwidth optimized for gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Number of fibers: 2
Fiber type: All glass graded index
Core diameter: Two 50+/-3 microns
CLAD diameter: 125+/-2 microns
Primary coating diameter: 245+/-15 microns
Primary coating material: Acrylate
Secondary coating diameter: 900+/-50 microns
Secondary coating material: PVC
Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum
Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum
Numeric apeture: .275 nominal
Highlights
Premium PVC multimode LC/LC
patch cable - 7m
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth optimized for
gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/LC connectors
Package Includes
7-meter duplex MMF cable
LC/LC 50/125 fiber
1 / 3


Similar Part No. - N52007M

ManufacturerPart #DatasheetDescription
logo
Swissbit AG
N5200 SWISSBIT-N5200 Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
N5200 E1.S SWISSBIT-N5200 E1.S Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
N5200 U.2 SWISSBIT-N5200 U.2 Datasheet
303Kb / 2P
Highest IOPS at lowest current consumption for Enterprise
2024
logo
Tripp Lite. All Rights ...
N52001M TRIPPLITE-N52001M Datasheet
493Kb / 3P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
More results

Similar Description - N52007M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N82007M TRIPPLITE-N82007M Datasheet
475Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 7M (23-ft)
N32007M TRIPPLITE-N32007M Datasheet
493Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 7M (23-ft.)
N51607M TRIPPLITE-N51607M Datasheet
486Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 7M (23-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N820-07M TRIPPLITE-N820-07M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 7M (23-ft.)
N316-07M TRIPPLITE-N316-07M Datasheet
156Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 7M (23-ft.)
N318-07M TRIPPLITE-N318-07M Datasheet
167Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 7M (23-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N516-07M TRIPPLITE-N516-07M Datasheet
156Kb / 2P
Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 7M (23-ft.)
N520-07M TRIPPLITE-N520-07M Datasheet
166Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com