Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N490016SCSC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N490016SCSC
Description  16-Port Fiber Patch Panel, 1U (SC-SC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N490016SCSC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N490016SCSC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N490016SCSC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16-Port Fiber Patch Panel, 1U (SC/SC)
MODEL NUMBER: N490-016-SCSC
Description
Tripp Lite's 16-Port 1U Rackmount SC/SC Fiber Optic Patch Panel provides efficient and easy management of fiber optic cables in the rack or cabinet.
Pre-loaded, feed-thru duplex multimode connectors are mounted on a 16-gauge, cold rolled, black powder coated steel panel. Use with 62.5/125 or 50/125
multimode fiber patch cables. Panel measures 19" wide by 1.75" high.
Features
16 ports SC/SC
Only 1U of rack-space
Use with 62.5/125 or 50/125 fiber patch cables
Available in ST/ST, ST/SC, SC/SC, LC/LC, MTRJ/MTRJ
Specifications
OVERVIEW
Cable Type
Fiber
CONNECTIONS
Connector A
SC (FEMALE) (X16)
Connector B
SC (FEMALE) (X16)
Number of Connectors
16
Ports
16
WARRANTY
Highlights
Simplified Fiber Optic Patching
Multimode 62.5/125 or 50/125
16 ports in 1U of rackspace
Package Includes
16 Port SC/SC Duplex Fiber
Optic Patch Panel
1 / 2


Similar Part No. - N490016SCSC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N490016STST TRIPPLITE-N490016STST Datasheet
465Kb / 2P
16-Port Fiber Patch Panel, 1U (ST-ST)
More results

Similar Description - N490016SCSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
Tripp Lite. All Rights ...
N42605M TRIPPLITE-N42605M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 5M (16-ft.)
N30605M TRIPPLITE-N30605M Datasheet
496Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (SC-SC), 5M (16-ft)
N35605M TRIPPLITE-N35605M Datasheet
474Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 5M (16-ft.)
N50605M TRIPPLITE-N50605M Datasheet
487Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 5M (16-ft.)
N490016LCLC TRIPPLITE-N490016LCLC Datasheet
463Kb / 2P
16-Port Fiber Patch Panel, 1U (LC-LC)
N490016STST TRIPPLITE-N490016STST Datasheet
465Kb / 2P
16-Port Fiber Patch Panel, 1U (ST-ST)
N490-016-SCSC TRIPPLITE-N490-016-SCSC Datasheet
154Kb / 2P
16-Port Fiber Patch Panel, 1U (SC/SC), Multimode or Singlemode
N356-05M TRIPPLITE-N356-05M Datasheet
163Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 5M (16-ft.)
N426-05M TRIPPLITE-N426-05M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 5M (16-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com