Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1185AMK Datasheet(PDF) 1 Page - Linear Technology

Part # RH1185AMK
Description  Negative Regulator with Adjustable Current Limit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1185AMK Datasheet(HTML) 1 Page - Linear Technology

  RH1185AMK Datasheet HTML 1Page - Linear Technology RH1185AMK Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1185AMK
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PAD FUNCTION
1.
2.
3.
4.
5.
REF
VIN
VOUT
GND
FB
110mils
× 116mils
Backside metal: Alloyed Gold Layer
Backside Potential: VIN Pads 2
DIE CROSS REFERENCE
LTC Finished
Part Number
Order
Part Number
RH1185AMK
RH1185AMK
RH1185AMK DICE
RH1185AMK DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
Negative Regulator with
Adjustable Current Limit
DICE/DWF ELECTRICAL TEST LIMITS VIN = 7.4V, VOUT = 5V, IOUT = 1mA, RLIM = 4.02k,
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (at FB Pin, Note 2)
VIN – VOUT = 5V, VOUT = VREF
–2.344
–2.37
–2.396
V
Feedback Pin Bias Current
VOUT = VREF
2μA
Dropout Voltage (Note 3)
IOUT = 0.5A, VOUT = 5V
IOUT = 3A, VOUT = 5V
0.4
1.05
V
V
Line Regulation (Note 6)
VIN – VOUT = 1V to 20V, VOUT = 5V
0.01
%/V
Minimum Input Voltage (Note 4)
IOUT = 1A, VOUT = VREF
4.5
V
Internal Current Limit (Note 8)
VIN – VOUT = 1.5V
VIN – VOUT = 20V
VIN – VOUT = 30V
3.3
1
0.2
4.2
2.6
1
A
A
A
External Current Limit (Note 7)
RLIM = 5k, VOUT = 1V
RLIM = 15k, VOUT = 1V
2.7
0.9
3.3
1.1
A
A
Quiescent Supply Current (Note 5)
IOUT = 5mA, VOUT = VREF, 4V ≤ VIN ≤ 25V
3.5
mA
1
2
3
2
4
4
5
Note 1: Dice are probe tested at 25°C to the limits shown except for high
current tests. Dice are tested under low current conditions which assure
full load current specifications when assembled in packaging systems
approved by Linear Technology. For absolute maximum ratings, typical
specifications, performance curves and finished product specifications,
please refer to the standard product RH data sheet.
Note 2: Testing is done using a pulsed low duty cycle technique. See
thermal regulation specifications in the LT1185 data sheet for output
changes due to heating effects.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - RH1185AMK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
More results

Similar Description - RH1185AMK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D STMICROELECTRONICS-L6902D Datasheet
89Kb / 6P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Jun-2002
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
STMicroelectronics
STEVAL-ISA052V1 STMICROELECTRONICS-STEVAL-ISA052V1 Datasheet
123Kb / 4P
Negative current limit
12-Nov-2010
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
??6V, 600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com