Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1499M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1499M
Description  10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1499M Datasheet(HTML) 2 Page - Linear Technology

  RH1499M Datasheet HTML 1Page - Linear Technology RH1499M Datasheet HTML 2Page - Linear Technology RH1499M Datasheet HTML 3Page - Linear Technology RH1499M Datasheet HTML 4Page - Linear Technology RH1499M Datasheet HTML 5Page - Linear Technology RH1499M Datasheet HTML 6Page - Linear Technology RH1499M Datasheet HTML 7Page - Linear Technology RH1499M Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RH1499M

rh1499mff
tABle 1: eleCtrICAl ChArACterIstICs
SYMBOL PARAMETER
CONDITIONS
NOTES
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
VCM = V+, V–
VCM = 14.5V, –14.5V
200
800
1
350
1100
2, 3
µV
µV
Input Offset Voltage Match
(Channel-to-Channel)
(Note 3)
VCM = V+ to V–
VCM = 14.5V to –14.5V
3
250
1400
450
1800
µV
µV
IB
Input Bias Current
VCM = V+
VCM = 14.5V
VCM = V–
VCM = –14.5V
0
–715
250
–250
715
0
1
–1200
500
–500
1200
0
2, 3
nA
nA
nA
nA
Input Bias Current Match
(Channel-to-Channel)
(Note 3)
VCM = V+, V–
VCM = 14.5V, –14.5V
3
0
12
200
50
400
nA
nA
IOS
Input Offset Current
VCM = V+, V–
VCM = 14.5V, –14.5V
6
70
1
40
300
2, 3
nA
nA
Input Voltage Range
–15
15
–14.5
14.5
V
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density f = 1kHz
12
nV/√Hz
in
Input Noise Current Density f = 1kHz
0.3
pA/√Hz
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V,
RL = 10k
VO = –10V to 10V, RL = 2k
1000
500
5200
2300
4
60
25
400
100
5, 6
V/mV
V/mV
CMRR
Common Mode Rejection
Ratio
VCM = V+ to V–
VCM = 14.5V to –14.5V
90
102
1
86
102
2, 3
dB
dB
CMRR Match
(Channel-to-Channel)
(Note 3)
VCM = V+ to V–
VCM = 14.5V to –14.5V
3
84
103
80
100
dB
dB
PSRR
Power Supply Rejection
Ratio
VS = ±2V to ±16V
90
110
1
88
100
2, 3
dB
PSRR Match
(Channel-to-Channel)
(Note 3)
VS = ±2V to ±16V
3
83
110
82
100
dB
VOL
Output Voltage Swing
(Low) (Note 4)
No Load
ISINK = 1mA
ISINK = 10mA
ISINK = 5mA
4
18
50
230
30
100
500
4
25
70
180
75
150
500
5, 6
mV
mV
mV
mV
VOH
Output Voltage Swing
(High) (Note 4)
No Load
ISOURCE = 1mA
ISOURCE = 10mA
ISOURCE = 5mA
4
2.5
75
420
10
150
800
4
5
100
300
25
250
800
5, 6
mV
mV
mV
mV
ISC
Short-Circuit Current
±15
±30
1
±7.5
±12
2, 3
mA
IS
Supply Current per Amp
1.8
2.5
1
2.2
3
2, 3
mA
GBW
Gain-Bandwidth Product
f = 100kHz
6.8
10.5
5.8
8.5
MHz
SR
Slew Rate
AV = –1, RL = 10k,
VO = ±10V, Measure at
VO = ±5V
3.5
6
4
2.2
4
5, 6
V/µs
(Preirradiation) VS = ±15V, VCM = VOUT = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com