Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2982 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2982 Datasheet HTML 1Page - STMicroelectronics AN2982 Datasheet HTML 2Page - STMicroelectronics AN2982 Datasheet HTML 3Page - STMicroelectronics AN2982 Datasheet HTML 4Page - STMicroelectronics AN2982 Datasheet HTML 5Page - STMicroelectronics AN2982 Datasheet HTML 6Page - STMicroelectronics AN2982 Datasheet HTML 7Page - STMicroelectronics AN2982 Datasheet HTML 8Page - STMicroelectronics AN2982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
March 2010
Doc ID 15599 Rev 1
1/31
AN2982
Application note
1 x 54 W T5 fluorescent lamp ballast in wide input voltage range
using the L6585DE - STEVAL-ILB005V2
Introduction
This application note describes the STEVAL-ILB005V2 demonstration board equipped with
the L6585DE lighting controller, STD7NM50N MOSFETs and an STTH1L06 Shottky diode
able to drive a 54 W linear T5 fluorescent lamp in a wide input voltage range (88 - 277 Vac).
The design steps, schematic and board performance are also given.
The L6585DE lighting controller embeds both the PFC stage and ballast stage suitable for
driving all kinds of lamps (T8, T5, T4, CFLn,...) and all kinds of topologies having an input
power greater than 25 W.
New T5 lamps are characterized by very high luminous efficiency and compactness. To
optimize their performance, high accuracy in both preheating of the cathodes and steady-
state parameters is required. The minimum performance of T5 ballasts together with their
minimum safety requirements are summarized in international norms, especially IEC61347-
2-3, IEC60929, and IEC60081.
The demand for these lamps is rapidly growing and the L6585DE is able to control electronic
ballasts meeting all performance specifications and reliability with low component count and
a small PCB.
The STEVAL-ILB005V2 has been developed to drive a 54 W T5-HO lamp.
Figure 1.
STEVAL-ILB005V2 demonstration board
www.st.com


Similar Part No. - AN2982

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2983 STMICROELECTRONICS-AN2983 Datasheet
1Mb / 32P
Constant current inverse buck LED driver using L6562A
16-Dec-2009
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
Minimizing the SET-related effects
23-Jun-2010
AN2985 STMICROELECTRONICS-AN2985 Datasheet
1Mb / 19P
The STEVAL-IFP010V3 demonstration board has been developed
07-Nov-2012
AN2986 STMICROELECTRONICS-AN2986 Datasheet
343Kb / 18P
This document focuses on the calculation
15-Jul-2009
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
More results

Similar Description - AN2982

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
This application note describes the STEVAL-CCA027V1 demonstration
01-Oct-2012
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
This application note describes the demonstration board
21-Jul-2011
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
This application note describes the EVL6699-150W-SR demonstration
07-Apr-2014
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
This application note describes the demonstration board EVL4984-350W
20-Jun-2013
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN4127 STMICROELECTRONICS-AN4127 Datasheet
1Mb / 27P
This document describes the STEVAL-SPBT3ATV3 demonstration board
21-Jun-2012
AN4128 STMICROELECTRONICS-AN4128 Datasheet
1Mb / 28P
This document describes the STEVAL-SPBT4ATV3 demonstration board
21-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com