Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2989 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 4Page - STMicroelectronics AN2989 Datasheet HTML 5Page - STMicroelectronics AN2989 Datasheet HTML 6Page - STMicroelectronics AN2989 Datasheet HTML 7Page - STMicroelectronics AN2989 Datasheet HTML 8Page - STMicroelectronics AN2989 Datasheet HTML 9Page - STMicroelectronics AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Startup sequence
AN2989
8/28
Doc ID 15761 Rev 1
2.1
Reading acceleration data
2.1.1
Using the status register
The device is provided with a STATUS_REG which should be polled to check when a new
set of data is available. The reading procedure should be the following:
The check performed at step 3 determines whether the reading rate is adequate compared
to the data production rate. In cases where one or more acceleration samples have been
overwritten by new data due to an excessively slow reading rate, the ZYXOR bit of
STATUS_REG is set to 1.
The overrun bits are automatically cleared when all the data present inside the device have
been read and new data have not been produced in the meantime.
2.1.2
Using the DataReady signal
The device may be configured to have one HW signal to determine when a new set of
measurement data is available for reading. This signal is represented by the XYZDA bit of
the STATUS_REG register. The signal can be driven to the INT1 or INT2 pins and its polarity
set to active-low or active-high through the CTRL_REG3 register. The interrupt is reset
when the higher part of the data of all the enabled channels has been read.
2.2
Output data rate selection and reading timing
The output data rate is user selectable through the DRx bits of the CTRL_REG1 (20h)
register. At power-on-reset, the DRx are reset to 0, thus providing a default output data rate
of 50 Hz.
The analog signal coming from the mechanical sensor is filtered by a low pass filter before
being converted by the internal ADC. The frequency at -3 dB of the low pass filter
determines the effective system resolution. The cut-off frequency depends on the DR<1:0>
bits in the CTRL_REG1 (20h) register (Table 2).
1
read STATUS_REG
2
if STATUS_REG(3) = 0 then goto 1
3
if STATUS_REG(7) = 1 then some data have been overwritten
4
read OUTX_L
5
read OUTX_H
6
read OUTY_L
7
data processing
7
goto 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com