Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3065 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3065
Description  100 W transition-mode PFC pre-regulator with the L6563S
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3065 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3065 Datasheet HTML 4Page - STMicroelectronics AN3065 Datasheet HTML 5Page - STMicroelectronics AN3065 Datasheet HTML 6Page - STMicroelectronics AN3065 Datasheet HTML 7Page - STMicroelectronics AN3065 Datasheet HTML 8Page - STMicroelectronics AN3065 Datasheet HTML 9Page - STMicroelectronics AN3065 Datasheet HTML 10Page - STMicroelectronics AN3065 Datasheet HTML 11Page - STMicroelectronics AN3065 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
F1
FUSE 4 A
DWG
Fuse T4A - time delay
Wichmann
HS1
HEAT-SINK
DWG
Heatsink for D1& Q1
JP1
WIRE JUMPER
Bare copper wire jumper
JP2
N.M.
NOT MOUNTED
J1
MKDS 1,5/ 3-5,08
DWG
PCB term. block, screw conn., pitch 5 mm - 3 W
PHOENIX CONTACT
J2
MKDS 1,5/ 2-5,08
DWG
PCB term. block, screw conn., pitch 5 mm - 2 W
PHOENIX CONTACT
J3
CON5
PCB term. block, pitch 2.5 mm - 5 W
MOLEX
L1
HF2826-203Y1R5-T01
DWG
Input EMI filter - 20 mH-1.5 A
TDK
L2
SRW2620PQ-X22V102
DWG
PFC inductor - 0.52 mH (X08141-01-B)
TDK
Q1
STF7NM50N
TO-220FP
N-Channel power MOSFET
STMicroelectronics
R1
NTC 2R5-S237
DWG
NTC RESISTOR P/N B57237S0259M000
EPCOS
R2
1M0
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R8
1M0
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R10
1M0
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R3
3M3
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R6
3M3
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R4
100
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R5
68 k
Ω
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R7
180 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R16
180 k
Ω
1206
SMD standard film RES - 1/4 W - 5% - 250 ppm/°C
VISHAY
R9
2M2
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R11
2M2
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R12
2M2
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R17
2M2
1206
SMD standard film RES - 1/4 W - 1% - 100 ppm/°C
VISHAY
R13
62 k
Ω
0805
SMD standard film RES - 1/8 W - 1% - 100 ppm/°C
VISHAY
Table 1.
EVL6563S-100W TM PFC demonstration board bill of material (continued)
Des.
Part type/part value
Case/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com