Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3094 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3094
Description  EVAL2293Q demonstration board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3094 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3094 Datasheet HTML 1Page - STMicroelectronics AN3094 Datasheet HTML 2Page - STMicroelectronics AN3094 Datasheet HTML 3Page - STMicroelectronics AN3094 Datasheet HTML 4Page - STMicroelectronics AN3094 Datasheet HTML 5Page - STMicroelectronics AN3094 Datasheet HTML 6Page - STMicroelectronics AN3094 Datasheet HTML 7Page - STMicroelectronics AN3094 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN3094
Demonstration board description
Doc ID 16540 Rev 1
3/8
Figure 3.
EVAL2293Q demonstration board pin location
The logic and power voltage supply pins are connected through jumper JP1 (normally
closed). If VS and VSS need to be supplied with different voltage values, JP1 should be
opened and the supply to each should be provided separately through external terminals.
The INx input pins drive the corresponding half-bridge. When a low logic level is applied, the
low side power switch is turned on, whereas a high logic level turns on the high side switch.
Pins EN1 and EN2 are used to disable the bridges and put the output pins in a high
impedance status. The output stages integrate freewheeling diodes.
Table 2 below summarizes the electrical specifications of the application, Figure 3 shows
the electrical schematic and Table 3 provides the component list.
Table 2.
EVAL2293Q: electrical specification (recommended values)
Parameter
Value
Supply voltage range (VS)
VSS to 36 V
Logic supply voltage range (VSS)
2.8 (1) to 36 V
1.
Please refer to the L2293Q datasheet for additional details
RMS output current rating (OUTx)
Up to 0.6 A
Switching frequency
Up to 50 kHz
Input and enable voltage range
0 to +5 V
Operating temperature range
-20 (1) to +125 °C
L2293Q thermal resistance junction-to-ambient
42 °C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com