Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3106 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3106
Description  The use and growing popularity of LEDS, thanks to their high efficiency
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3106 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3106 Datasheet HTML 1Page - STMicroelectronics AN3106 Datasheet HTML 2Page - STMicroelectronics AN3106 Datasheet HTML 3Page - STMicroelectronics AN3106 Datasheet HTML 4Page - STMicroelectronics AN3106 Datasheet HTML 5Page - STMicroelectronics AN3106 Datasheet HTML 6Page - STMicroelectronics AN3106 Datasheet HTML 7Page - STMicroelectronics AN3106 Datasheet HTML 8Page - STMicroelectronics AN3106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
September 2012
Doc ID 16775 Rev 2
1/34
AN3106
Application note
48 V - 130 W high-efficiency converter with PFC for
LED street lighting applications
By Claudio Spini
Introduction
The use and growing popularity of LEDS, thanks to their high efficiency and very long
lifetime, are driving the innovation of different types of lamps and contributing to the
reduction of energy consumption for internal and external lighting. Streetlight applications
require that the power supply designed to power an LED lamp must have high efficiency and
at least an equivalent lifetime in order to guarantee maintenance-free operation during the
life of the LED.
This application note describes the characteristics and features of a 130 W demonstration
board (EVL130W-STRLIG), tailored to an LED power supply specification for street lighting.
The circuit is composed of two stages: a front-end PFC using the L6562AT and an LLC
resonant converter based on the L6599AT.
The strengths of this design are very high efficiency, wide input mains range (85-305 VAC)
operation and long-term reliability.
Because reliability (MTBF - “mean time between failures”) in power supplies is typically
affected by the high failure rate of electrolytic capacitors unless using very expensive types,
this board shows a very innovative design approach. The board doesn't implement any
electrolytic capacitors, but uses instead film capacitors from EPCOS. Component de-rating
has been also carefully applied during the design phase, decreasing the stress of the
components as recommended by the MIL-HDBK-217D. The number of components, thanks
to the use of the new devices L6562AT and L6599AT has also been minimized, thus
increasing the MTBF and optimizing the total component cost. Thanks to the high efficiency
achieved, just a small heatsink for the PFC stage is needed, while the other power
components are SMT (surface mount technology) like most of the passive components, thus
decreasing the production labor cost.
The board also has protection features in case of overload, short-circuit, open loop by each
stage or input overvoltage. For this particular application, all protections in case of
intervention have an auto-restart functionality.
Figure 1.
EVL130W-STRLIG: 130 W SMPS for LED street lighting applications
www.st.com


Similar Part No. - AN3106

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN310 EXTECH-AN310 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/CMM Thermo-Anemometers
logo
Freescale Semiconductor...
AN3100 FREESCALE-AN3100 Datasheet
64Kb / 4P
General Purpose Amplifier Biasing
logo
STMicroelectronics
AN3100 STMICROELECTRONICS-AN3100 Datasheet
308Kb / 24P
Configuring the SPEAr3xx multi-port memory controller
12-Mar-2012
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
More results

Similar Description - AN3106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN439 STMICROELECTRONICS-AN439 Datasheet
464Kb / 16P
The use of TRIACs is limited by their switching behavior
07-Mar-2008
logo
PHOENIX CONTACT
1424713 PHOENIX-1424713 Datasheet
81Kb / 3P
Safe use in the field, thanks to a high degree of protection
3069965 PHOENIX-3069965 Datasheet
71Kb / 4P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3069969 PHOENIX-3069969 Datasheet
71Kb / 4P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3069974 PHOENIX-3069974 Datasheet
60Kb / 3P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3069976 PHOENIX-3069976 Datasheet
60Kb / 3P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3069977 PHOENIX-3069977 Datasheet
62Kb / 3P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969915 PHOENIX-3969915 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969918 PHOENIX-3969918 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969923 PHOENIX-3969923 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com