Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3112
Description  Solution for designing a fixed off-time controlled PFC pre-regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3112 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3112 Datasheet HTML 1Page - STMicroelectronics AN3112 Datasheet HTML 2Page - STMicroelectronics AN3112 Datasheet HTML 3Page - STMicroelectronics AN3112 Datasheet HTML 4Page - STMicroelectronics AN3112 Datasheet HTML 5Page - STMicroelectronics AN3112 Datasheet HTML 6Page - STMicroelectronics AN3112 Datasheet HTML 7Page - STMicroelectronics AN3112 Datasheet HTML 8Page - STMicroelectronics AN3112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Introduction to FOT control
AN3112
4/36
Doc ID 16820 Rev 3
1
Introduction to FOT control
In the output power range already mentioned, where the TM/CCM usability boundary is
uncertain, a third approach that couples the simplicity and affordability of TM operation with
the high-current capability of CCM operation may offer a solution to the problem. Generally
speaking, FF PWM is not the only alternative when CCM operation is desired. FF PWM
modulates both switch on and off-times (their sum is constant by definition), and a given
converter operates in either CCM or DCM depending on the input voltage and the loading
conditions. Exactly the same result can be achieved if just the on-time is modulated and the
off-time is kept constant, in which case, however, the switching frequency is no longer fixed
(
Figure 3 and Figure 4). This is referred to as fixed-off-time (FOT) control. Peak-current-
mode control can still be used.
It is worth noting that FOT control does not need a specialized control IC. A simple
modification of a standard TM PFC controller operation, requiring just a few additional
passive parts and no significant extra cost, is all that is needed.
Figure 3.
Basic waveforms for fixed
frequency PWM
Figure 4.
Basic waveforms for fixed-off-time
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com