Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3288 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3288 Datasheet HTML 1Page - STMicroelectronics AN3288 Datasheet HTML 2Page - STMicroelectronics AN3288 Datasheet HTML 3Page - STMicroelectronics AN3288 Datasheet HTML 4Page - STMicroelectronics AN3288 Datasheet HTML 5Page - STMicroelectronics AN3288 Datasheet HTML 6Page - STMicroelectronics AN3288 Datasheet HTML 7Page - STMicroelectronics AN3288 Datasheet HTML 8Page - STMicroelectronics AN3288 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN3288
System architecture
Doc ID 18011 Rev 2
5/27
2
System architecture
The main block of the g-Brake Lights platform is made up of the ST MCU STM8AF5168, the
ST MEMS-based inertial sensor AIS326DQ, and step-down switching regulator A5970AD;
its task is to continuously acquire data, elaborate them distinguishing the several phases of
motion, and actuate a proper light response to warn of the braking phase.
The basic functioning of the system is presented in the following paragraphs.
2.1
System description
The g-Brake Lights platform provides an optical representation of the deceleration detected
by the accelerometer AIS326DQ during the braking phase of a vehicle; the light intensity of
the brake lamp, implemented by the two high brightness LED arrays (each of them is made
up of three high brightness LEDs connected in series), varies according to the braking
intensity of the vehicle. The aim is to make the driver's intentions more visible, in order to
provide the following drivers with faster reaction times.
The board has been designed to acquire the acceleration/deceleration data continuously
and independently from the vehicle's braking circuit. This allows an autonomous system
with a fast real-time response to be had. The response time mainly depends on the data
elaboration made by the STM8A microcontroller after the acquisition.
A digital low-pass filter has been implemented to reduce noise corruption during the data
collecting; this noise is the result of a vehicle's high frequency vibrations due to the engine
and the road. The filtered signal is more intelligible and its representation fits with the real
behavior of the vehicle. A mechanical isolation could also be applied, even though it is not
strictly necessary, to further filter the noise.
Finally, a combination of dynamic thresholds enable the variation of light intensity. The
deceleration data, after filtering, are continuously compared with specific ranges of values in
order to discriminate, case by case, the braking forces of the vehicle. The two arrays of HB-
LEDs are used as actuators in order to maximize the visibility of the warning and reduce the
turn-on and turn-off time to a minimum.
2.2
Block diagram
The core of the g-Brake Lights solution is made up of the ST MCU STM8AF5168, the ST
MEMS-based inertial sensor AIS326DQ, and two buck converters using the ST step-down
switching regulators A5970AD for LED driving.
Basically, the MCU continuously elaborates the information provided by the accelerometer
and generates a PWM signal for driving the two buck converters connected to the two HB-
LED arrays. The MCU varies the PWM signal duty cycle, depending on the braking effects,
on the basis of a set of thresholds. So, the brightness of the two HB-LED arrays is directly
proportional to the detected deceleration on the basis of the variation of the PWM signal
duty cycle.
The HB-LED arrays have been mounted on the secondary board in order to have a
separation between the sensing block and the light actuator, and, at the same time, a more
flexible mechanical system for assembling on the test vehicle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com