Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK032 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK032
Description  Contact MSK for MIL-PRF-38534 Qualification Status
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK032 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK032_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK032_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Common Mode Rejection Ratio
Input Noise Voltage
Equivalent Input Noise
OUTPUT
Output Voltage Swing
Output Current
Settling Time to 1%
Settling Time to 0.1%
Full Power Bandwidth
Bandwidth (Small Signal)
TRANSFER CHARACTERISTICS
Slew Rate Limit
Open Loop Voltage Gain
VIN=0V
Bal.Pins=NC VIN=0V AV=-10V/V
Bal.Pins=NC
VIN=0V
RPOT=10K
Ω To +VCC
VCM=0V
Either Input
VCM=0V
F=DC
∆ VCC=±5V
F=DC
VCM=±10V
F=10Hz To 1KHz
F=1KHz
F
≤5MHZ RL=510Ω
RL=510
Ω
RL=1K
Ω 10V step
RL=1K
Ω 10V step
RL=510
Ω Vo=±10V
RL=510
Ω
VOUT=±10V RL=510
Ω
VOUT=±10V RL=1K
Ω
±18V
±40mA
±30V
-55°C to +125°C
-40°C to +85°C
187°C/W
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
-65°C to +150°C
300°C
175°C
±VCC
IOUT
VIN
TC
RTH
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK 032B/E)
(MSK 032)
Thermal Resistance
(Output Switches) (Junction to Case)
ELECTRICAL SPECIFICATIONS
±Vcc=±15VDC Unless Otherwise Specified
Min.
±10
-
-
-
-
-
-
-
-
-
60
70
-
-
±10
±20
-
-
8
80
500
80
Max.
±18
±20
±25
±5
±25
±250
±10
100
5
-
-
-
-
-
-
-
60
90
-
-
-
-
Min.
±10
-
-
-
-
-
-
-
-
-
-
55
65
-
-
±10
±20
-
-
7
75
475
75
Max.
±18
±22
-
±7
-
-
±300
-
150
-
-
-
-
-
-
-
-
65
100
-
-
-
-
Units
V
mA
mA
mV
µV/°C
mV
mV
pA
nA
pA
nA
Ω
dB
dB
µVrms
nV
√Hz
V
mA
nS
nS
MHz
MHz
V/µS
dB
MSK 032B/E
MSK 032
2
Typ.
±15
±15
-
±1
-
-
±75
-
20
-
10
70
80
1.5
40
±12
±30
55
70
8
80
550
85
Test Conditions
Parameter
7
Typ.
±15
±15
±18
±0.5
±10
±50
±0.2
10
0.1
10
70
80
1.5
40
±12
±30
50
60
9
90
600
90
Adjust to Zero
Adjust to Zero
12
12
Group A
Subgroup
-
1
2,3
1
2,3
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
4
4
4
4
4
4
Adjust to Zero
1
2
2
2
2
2
2
2
1
2
3
4
5
6
7
8
AV=-1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Electrical specifications are derated for power supply voltages other than ±15VDC.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
NOTES:
Rev. C 9/06
2
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com