Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK611 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK611
Description  Low Quiescent Current - 짹25mA for High Voltage Stage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK611 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK611 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK611 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Low Quiescent Current - ±25mA for High Voltage Stage
110V Peak to Peak Output Voltage Swing
Slew Rate - 5000V/µS @ 100Vpp
Small Signal Rise Time - 6nS Typical
Power Output Frequency - 7 MHz Typical
Output Current - 150mA Peak
Adjustable VHV Power Supply Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation
611
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VCC
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
N/C
-INPUT
N/C
Wideband High Voltage Amplifier
High Resolution CRT Monitor
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 611 is a high voltage ultra high slew rate amplifier designed to provide large voltage swings in wideband
systems. The true inverting op-amp topology employed in the MSK 611 provides excellent D.C. specifications such
as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high
gain configurations since the input error voltages will be multiplied by the system gain.
The MSK 611 achieves
impressive slew rate specifications by employing a feed forward A.C. path through the amplifier, however, the device
is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater
keeps the MSK 611 stable in this range. The MSK 611 is packaged in a space efficient, hermetically sealed, 12 pin
power dual in line package that has a high thermal conductivity for efficient device cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
ISO 9001 CERTIFIED BY DSCC
ULTRA HIGH SLEW RATE
HIGH VOLTAGE AMPLIFIER
Rev. C 3/05
1


Similar Part No. - MSK611

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK611 MSK-MSK611 Datasheet
195Kb / 4P
ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
MSK611B MSK-MSK611B Datasheet
195Kb / 4P
ULTRA HIGH SLEW RATE HIGH VOLTAGE AMPLIFIER
More results

Similar Description - MSK611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3261 LINER-LTC3261 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
logo
M.S. Kennedy Corporatio...
MSK600 MSK-MSK600_15 Datasheet
200Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
MSK601 MSK-MSK601_15 Datasheet
106Kb / 4P
Ultra Low Quiescent Current - 짹15mA for High Voltage
MSK610 MSK-MSK610_15 Datasheet
199Kb / 4P
Ultra Low Quiescent Current - 짹12mA for High Voltage Stage
MSK612 MSK-MSK612_15 Datasheet
202Kb / 4P
Ultra Low Quiescent Current - 짹13mA for High Voltage
MSK613 MSK-MSK613_15 Datasheet
204Kb / 4P
Ultra Low Quiescent Current - 짹10mA for High Voltage
logo
Will Semiconductor Ltd.
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com