Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10CS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # BCR10CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button BCR10CS_15 Datasheet HTML 6Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 7Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 8Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 9Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 10Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 11Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 12Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 13Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Mar. 2002
The product guaranteed maximum junction
temperature 150
°C (See warning.)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
100
23
101
57 102 23 5 7 103 23 5 7 104
7
5
3
2
101
7
5
3
5
2
7
5
10–1
3
2
VGD = 0.1V
PGM = 5W
VGM = 10V
VGT = 1.5V
IGM = 2A
IRGT I
IFGT I, IRGT III
PG(AV) =
0.5W
102
5
101
7
2
3
103
5
7
2
3
–60
–20
20
60
100
160
140
–40
0
40
80
120
IFGT I
IRGT I, IRGT III
101
103
7
5
3
2
102
7
5
4
4
3
2
–60
–20
20
60
100
160
140
–40
0
40
80
120
2.2
2.4
0
2.0
1.8
1.6
1.4
1.2
0.6
0.4
0.2
0.8
23
10–1
57 100 23 5 7 101 23 5 7 102
23
102
57 103
1.0
2
32
24
20
12
4
0
16
8
2
0
4
6
10
12
14
8
16
28
160
120
100
60
20
0
16
0
2
6
10
14
40
80
140
48
12
TYPICAL EXAMPLE
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
GATE CHARACTERISTICS
(
Ι, ΙΙ AND ΙΙΙ)
TYPICAL EXAMPLE
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com