Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P450000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P450000
Description  Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P450000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P450000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P450000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Null Modem Serial DB9 Serial Modular Adapter Kit,
2x (DB9F to RJ45F)
MODEL NUMBER: P450-000
Description
With Tripp Lite's P450-000 Null Modem Adapter Kit, you can set up PC-PC Serial connections up to 100ft apart using readily available Cat5/Cat6 patch cables.
The finished connection results in a Null wiring configuration: 1+6 - 4, 2-3, 3-2, 4 - 1+6, 5-5, 7-8, 8-7, with Full Handshake capability. Slotted, knurled
thumbscrews provide easy and secure attachment to your computers.
Features
2pc DB9F to RJ45 Null Modem Adapter Kit
Uses readily available Cat5 Patch Cables
Null Modem Serial Connections up to 100ft
Specifications
OVERVIEW
Cable Type
Modem/Null Modem
PHYSICAL
Color
Gray
CONNECTIONS
Connector A
DB9 (FEMALE)
Connector B
RJ45 (FEMALE)
SPECIAL FEATURES
Highlights
2pc DB9F to RJ45 Null Modem
Adapter Kit
Uses readily available Cat5
Patch Cables
Null Modem Serial Connections
up to 100ft
System Requirements
Typically two PC's with DB9 Male
Serial ports
Package Includes
2 x DB9F / RJ45 Modular
Adapters
1 / 2


Similar Part No. - P450000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
More results

Similar Description - P450000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
B090A9M TRIPPLITE-B090A9M Datasheet
493Kb / 2P
Modular Serial Adapter (DB9 M to RJ45 F)
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
P450-000 TRIPPLITE-P450-000 Datasheet
158Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com