Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P936000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P936000
Description  40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P936000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P936000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P936000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 Pin F IDE to Serial ATA (SATA) Drive Adapter
Converter
MODEL NUMBER: P936-000
Description
Tripp Lites P936-000, Serial ATA (SATA) to IDE converter, allows a standard parallel ATA hard disk drive, CD-ROM, CD-RW, DVD ROM, DVD + RW, etc, to
be used with Serial ATA Controller cards or motherboards with Serial ATA ports, and meets the specification of Serial ATA 1.0 interface.
Simply plug the 40-pin side of the adapter into the IDE drive 40-pin connector, and attach power and SATA cables to the appropriate connections...no software
to load.
Features
Easily connect IDE/ATA Drives to a SATA Controller
Compliance with Serial ATA Gen 1.0.
Master/slave device emulation support.
Supports PIO mode 0~4.
Supports Ultra DMA mode 0~7.
Supports UDMA data transfer rates of up to 150MBps
Supports ATAPI Packet command set.
Supports 48-bit LBA addressing.
Supports additional ATA command for serial ATA SCR access.
Serial ATA power save mode supported
Serial ATA BIST operation.
Supports hot-plugging
Specifications
OVERVIEW
Cable Type
SATA
Highlights
Convert existing IDE Drives to a
SATA Controller
Serial ATA (SATA) Data & Power
Cable Included
System Requirements
Supports any operating system
when a PC with available IDE
hard disk and SATA controller
are used
Package Includes
Serial ATA to IDE Converter x 1
Serial ATA Cable x 1
Power supply cable x 1
User's Manual x 1
1 / 2


Similar Part No. - P936000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P936-000 TRIPPLITE-P936-000 Datasheet
160Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
More results

Similar Description - P936000

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATAAPLSMT ADAM-TECH-SATAAPLSMT Datasheet
129Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
SATA to IDE (44-pin) Converter Module
PCM-233C ADVANTECH-PCM-233C_12 Datasheet
1Mb / 1P
IDE (44-pin) to SATA Converter Module
logo
Assmann Electronics Inc...
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Tripp Lite. All Rights ...
U338000 TRIPPLITE-U338000 Datasheet
509Kb / 2P
USB 3.0 SuperSpeed to Serial ATA (SATA) and IDE Adapter for 2.5in or 3.5in Hard Drives
U2380001 TRIPPLITE-U2380001 Datasheet
514Kb / 2P
USB 2.0 Hi-Speed to Serial atA (SatA) and IDE Adapter for 2.5in or 3.5in Hard Drives
logo
Adam Technologies, Inc.
SATA-D-PL-SMT-S ADAM-TECH-SATA-D-PL-SMT-S Datasheet
95Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Tripp Lite. All Rights ...
P936-000 TRIPPLITE-P936-000 Datasheet
160Kb / 2P
40 Pin F IDE to Serial ATA (SATA) Drive Adapter Converter
P937-000 TRIPPLITE-P937-000 Datasheet
173Kb / 2P
40-Pin Male IDE to 2.5 in., 3.5 in. and 5.25 in. SATA Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com