Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185-2.5 Datasheet(PDF) 2 Page - Linear Technology

Part # LM185-2.5
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM185-2.5 Datasheet(HTML) 2 Page - Linear Technology

  LM185-2.5 Datasheet HTML 1Page - Linear Technology LM185-2.5 Datasheet HTML 2Page - Linear Technology LM185-2.5 Datasheet HTML 3Page - Linear Technology LM185-2.5 Datasheet HTML 4Page - Linear Technology LM185-2.5 Datasheet HTML 5Page - Linear Technology LM185-2.5 Datasheet HTML 6Page - Linear Technology LM185-2.5 Datasheet HTML 7Page - Linear Technology LM185-2.5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LM185-2.5/
LM285-2.5/LM385-2.5
Reverse Breakdown Current ................................ 30mA
Forward Current .................................................. 10mA
Operating Temperature Range
LM185-2.5 (OBSOLETE) ............ –55
°C to 125°C
LM285-2.5 ...................................... – 40
°C to 85°C
LM385-2.5 ........................................... 0
°C to 70°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
Storage Temperature Range
LM185-2.5 (OBSOLETE) ............ –65
°C to 150°C
LM285-2.5 .................................... – 65
°C to 150°C
LM385-2.5 .................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
PACKAGE/ORDER I FOR ATIO
LM185H-2.5
LM285H-2.5
LM385H-2.5
LM385BH-2.5
(NOTE 3)
LM285Z-2.5
LM385Z-2.5
LM385BZ-2.5
(NOTE 3)
S8 PART MARKING
2852
3852
3852B
LM285S8-2.5
LM385S8-2.5
LM385BS8-2.5
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
BOTTOM VIEW
Z PACKAGE
3-LEAD TO-92 PLASTIC
BOTTOM VIEW
H PACKAGE
2-LEAD TO-46 METAL CAN
1
2
3
45
6
7
8
TOP VIEW
NC
NC
NC
(DO NOT
USE)
NC
S8 PACKAGE
8-LEAD PLASTIC SO
NC
OBSOLETE PACKAGE
TJMAX = 150°C, θJA = 440°C/W, θJC = 80°C/W
TJMAX = 150°C, θJA = 220°C/W
TJMAX = 100°C, θJA = 160°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
Consider the S8 or Z Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com