Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1039
Description  RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039 Datasheet(HTML) 2 Page - Linear Technology

  LT1039_15 Datasheet HTML 1Page - Linear Technology LT1039_15 Datasheet HTML 2Page - Linear Technology LT1039_15 Datasheet HTML 3Page - Linear Technology LT1039_15 Datasheet HTML 4Page - Linear Technology LT1039_15 Datasheet HTML 5Page - Linear Technology LT1039_15 Datasheet HTML 6Page - Linear Technology LT1039_15 Datasheet HTML 7Page - Linear Technology LT1039_15 Datasheet HTML 8Page - Linear Technology LT1039_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1039/LT1039-16
1039fd
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LT1039CN16
LT1039CSW16
LT1039CN
LT1039CSW
LT1039IN
LT1039ISW
1
2
3
4
5
6
7
8
9
TOP VIEW
SW PACKAGE
18-LEAD PLASTIC SO WIDE
J PACKAGE
18-LEAD CERDIP
N PACKAGE
18-LEAD PDIP
18
17
16
15
14
13
12
11
10
V +
BIAS
REC1 IN
TR1 OUT
REC2 IN
TR2 OUT
REC3 IN
TR3 OUT
V –
VCC
ON/OFF
REC1 OUT
TR1 IN
REC2 OUT
TR2 IN
REC3 OUT
TR3 IN
GND
TJMAX = 150°C, θJA = 120°C/ W(N)
TJMAX = 150°C, θJA = 120°C/ W(SW)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver V+ = 12V, V – = – 12V, VON/OFF = 2.5V (Note 2)
Output Voltage Swing
Load = 3k to Ground
Positive
q
V+ – 0.4
V+ – 0.1
V
Negative
q
V– + 1.5
V – + 1.0
V
Logic Input Voltage Levels
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
VIN ≥ 2.0V
1
20
µA
VIN ≤ 0.8V
5
20
µA
Output Short-Circuit Current
Sourcing Current, VOUT = 0V
5
15
mA
Sinking Current, VOUT = 0V
– 5
– 15
mA
Output Leakage Current
Shutdown (Notes 3, 4), VOUT = ±18V, VIN = 0V
q
10 (25
°C)
200
µA
Supply Leakage Current
Shutdown (Note 3)
q
1 (25
°C)
100
µA
Slew Rate
RL = 3k, CL = 51pF
4
15
30
V/
µs
Supply Current
VOUT = Low
4
8
mA
(Note 1)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
TJMAX = 150°C, θJA = 100°C/ W (J)
LT1039MJ16
OBSOLETE PACKAGES
Consider the N Package for Alternate Source
TJMAX = 150°C, θJA = 100°C/ W(J)
LT1039CJ
LT1039MJ
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
SW PACKAGE
16-LEAD PLASTIC SO WIDE
J PACKAGE
16-LEAD CERDIP
16
15
14
13
12
11
10
9
V+
REC1 IN
TR1 OUT
REC2 IN
TR2 OUT
REC3 IN
TR3 OUT
V –
VCC
REC1 OUT
TR1 IN
REC2 OUT
TR2 IN
REC3 OUT
TR3 IN
GND
TJMAX = 150°C, θJA = 140°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (SW)
CONSULT FACTORY
FOR
AVAILABILITY
Supply Voltage
Driver (V+, V–) ..................................................
±16V
Receiver (VCC) ....................................................... 7V
Logic Inputs ................................................... V– to 25V
Receiver Inputs ........................................................
±30
ON/OFF Input ............................................... GND to 12V
Driver Outputs ........................ (V– + 30V) to (V+ – 30V)
Short-Circuit Duration ..................................... Indefinite
Operating Temperature Range
LT1039C .................................................. 0
°C to 70°C
LT1039I ...............................................–40
°C to 85°C
LT1039M ...........................................–55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com