Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1102 Datasheet HTML 3Page - Linear Technology LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology LT1102 Datasheet HTML 10Page - Linear Technology LT1102 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1102
7
1102fb
Short-Circuit Current vs Time
Distribution of Offset Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
0
0.04
0.10
0
50
75
0.02
0.08
0.06
–25
25
100
125
LT1102 • TPC19
VS = ±15V
RL ≥ 2k
G = 100
G = 10
Gain Error vs Temperature
Gain Nonlinearity Over
Temperature
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
–30
30
40
10
3
LT1102 • TPC17
TA = 25°C
TA = 25°C
TA = –55°C
TA = –55°C
TA = 125°C
TA = 125°C
VS = ±15V
TEMPERATURE (
°C)
–50
16
40
0
50
75
8
32
24
–25
25
100
125
LT1102 • TPC20
G = 100
RL = 2k
G = 100
RL = 50k
G = 10
RL = 2k OR 50k
INPUT OFFSET VOLTAGE (mV)
0
5
15
20
25
35
– 0.8
0
0.4
10
30
0.8
– 0.4
LT1102 • TPC18
VS = ±15V
TA = 25°C
950 UNITS TESTED
IN ALL PACKAGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com