Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC486 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology LTC486 Datasheet HTML 9Page - Linear Technology LTC486 Datasheet HTML 10Page - Linear Technology LTC486 Datasheet HTML 11Page - Linear Technology LTC486 Datasheet HTML 12Page - Linear Technology LTC486 Datasheet HTML 13Page - Linear Technology LTC486 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC486
10
486fc
APPLICATIONS INFORMATION
Thecouplingcapacitorallowshighfrequencyenergytoflow
to the termination, but blocks DC and low frequencies. The
dividing line between high and low frequency depends on
the length of the cable. The coupling capacitor must pass
frequencies above the point where the line represents an
electrical one-tenth wavelength. The value of the coupling
capacitorshouldthereforebesetat16.3pFperfootofcable
length for 120Ω cables. With the coupling capacitors in
place, power is consumed only on the signal edges, not
when the driver output is idling at a 1 or 0 state. A 100nF
capacitor is adequate for lines up to 4000 feet in length.
Be aware that the power savings start to decrease once
the data rate surpasses 1/(120Ω
× C).
486 F11
140
RECEIVER
RX
5V
1.5k
RECEIVER
RX
5V
110
130
110
130
120
RECEIVER
RX
C
5V
100k
1.5k
Figure 11. Forcing “0” When All Drivers Are Off
Receiver Open-Circuit Fail-Safe
Some data encoding schemes require that the output of
the receiver maintains a known state (usually a logic 1)
when the data is finished transmitting and all drivers on
the line are forced into three-state. All LTC RS485 receivers
have a fail-safe feature which guarantees the output to be
in a logic 1 state when the receiver inputs are left floating
(open-circuit). However, when the cable is terminated with
120Ω, the differential inputs to the receiver are shorted
together, not left floating.
If the receiver output must be forced to a known state, the
circuits of Figure 11 can be used.
The termination resistors are used to generate a DC bias
which forces the receiver output to a known state, in this
case a logic 0. The first method consumes about 208mW
andthesecondabout8mW.Thelowestpowersolutionisto
use an AC termination with a pull-up resistor. Simply swap
the receiver inputs for data protocols ending in logic 1.
Fault Protection
All of LTC’s RS485 products are protected against ESD
transients up to ±2kV using the human body model
(100pF, 1.5kΩ). However, some applications need greater
protection. The best protection method is to connect a
bidirectional TransZorb from each line side pin to ground
(Figure 12).
A TransZorb is a silicon transient voltage suppressor that
has exceptional surge handling capabilities, fast response
time, and low series resistance. They are available from
General Semiconductor Industries and come in a variety
of breakdown voltages and prices. Be sure to pick a break-
down voltage higher than the common-mode voltage
required for your application (typically 12V). Also, don’t
forget to check how much the added parasitic capacitance
will load down the bus.
486 F12
120
DRIVER
Z
Y
Figure 12. ESD Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com