Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4050 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4050
Description  The STEVAL-ISV012V1 is a demonstration board that mounts
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4050 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4050 Datasheet HTML 4Page - STMicroelectronics AN4050 Datasheet HTML 5Page - STMicroelectronics AN4050 Datasheet HTML 6Page - STMicroelectronics AN4050 Datasheet HTML 7Page - STMicroelectronics AN4050 Datasheet HTML 8Page - STMicroelectronics AN4050 Datasheet HTML 9Page - STMicroelectronics AN4050 Datasheet HTML 10Page - STMicroelectronics AN4050 Datasheet HTML 11Page - STMicroelectronics AN4050 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
L6924D operation in solar powered applications
AN4050
8/19
DocID022816 Rev 2
During the fast-charge phase, the output voltage of the SPV1040 (VIN of L6924D) goes
down to the battery voltage (V
BAT
) plus the voltage drop across the Power MOSFET
(
Δ
V
MOS
) of the charger.
Consequently, the internal MOSFET works in saturation mode with a voltage drop given by
the following formula:
Equation 1
where
Equation 2
I
LIM
is the current limit of the SPV1040, which depends on solar irradiation.
Neglecting the voltage drop across the charger (
Δ
VMOS) when the device operates in this
condition, its input voltage is equal to the battery one, and so a very low operating input
voltage (down to 2.5 V) is required. The power dissipated by the device during this phase is:
Equation 3
The advantage of the quasi-pulse charging method allows the energy harvested by few
solar cells to be maximized.
Note that the STEVAL-ISV0012V1 mounts two LEDs, D1 and D2, which indicate (when ON)
whether the charge is in progress or is completed, respectively.
R14, and consequently I
LIM
, must be set up according to the power provided by the PV
panel at the maximum irradiation, but it is possible that at lower irradiations D1 starts
flickering (or appearing ON), while D2 is ON as well.
This is due to the battery charger which tries to charge the battery at 4.2 V (or 4.1 V,
depending on the V
OPRG
setting) and I
LIM
, but the required power can be sustained only if
enough irradiation is available at the PV panel side. If the irradiation is not sufficient, the
input voltage of the L6924D drops down to the battery voltage, causing the battery charging
to stop and D1 turns ON. Shortly after, the voltage rises back to 4.2 V (or 4.1 V) and the
battery charge starts again (D1 turns OFF).
In these low irradiation conditions the battery is charged by current packets anyway.
The plots below show behavior in the case of low irradiation:
V
IN
V
AD P
V
BA T
ΔV
MOS
+
=
=
ΔV
MOS
R
DS
o n
()
I
LIM
×
=
P
CH
R
DS
o n
()
I
LIM
2
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com