Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4106 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4106 Datasheet HTML 26Page - STMicroelectronics AN4106 Datasheet HTML 27Page - STMicroelectronics AN4106 Datasheet HTML 28Page - STMicroelectronics AN4106 Datasheet HTML 29Page - STMicroelectronics AN4106 Datasheet HTML 30Page - STMicroelectronics AN4106 Datasheet HTML 31Page - STMicroelectronics AN4106 Datasheet HTML 32Page - STMicroelectronics AN4106 Datasheet HTML 33Page - STMicroelectronics AN4106 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
EMI measurements
AN4106
30/39
Doc ID 023156 Rev 1
13
EMI measurements
A pre-compliance test to EN55022 (Class B) European normative has been performed
using an EMC analyzer and an LISN. First of all, a measurement of the background noise
(board disconnected from the mains) was performed and is reported in
Figure 38.
Then the average EMC measurements at 115 VAC/full load and 230 VAC/full load were
performed and the results are shown in
Figure 39 and 40.
Figure 38.
Background noise measurement
Figure 39.
Average measurement at VIN = 115 VAC, full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com