Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4123 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4123
Description  The STEVAL-ISV015V1 is a demonstration board mounting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4123 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4123 Datasheet HTML 1Page - STMicroelectronics AN4123 Datasheet HTML 2Page - STMicroelectronics AN4123 Datasheet HTML 3Page - STMicroelectronics AN4123 Datasheet HTML 4Page - STMicroelectronics AN4123 Datasheet HTML 5Page - STMicroelectronics AN4123 Datasheet HTML 6Page - STMicroelectronics AN4123 Datasheet HTML 7Page - STMicroelectronics AN4123 Datasheet HTML 8Page - STMicroelectronics AN4123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2013
DocID023264 Rev 2
1/17
AN4123
Application note
STEVAL-ISV015V1 up to 2.5 W solar USB charger
By Domenico Ragonese
Introduction
The STEVAL-ISV015V1 is a demonstration board mounting the SPV1040 device (solar
energy harvester) as input stage and the LD39050PUR device (low noise and low quiescent
current voltage regulator) as output stage. It targets any portable application powered by
USB supply and merges the capability of the SPV1040 device to maximize the power
extraction from solar modules with the high precision voltage regulation of the LD39050
device. It is shown in
Figure 1.
Figure 1. STEVAL-ISV015V1 demonstration board
The board has been designed to harvest power from PV panels and to supply loads
requiring up to 2.5 W (5 V, 500 mA) through a mini-USB (B type) connector. Between the
two stages, a 440 mF super capacitor stores the harvested energy even when load is not
connected or, if connected, it needs less power than that available from the source.
The application components at the input stage have been selected to optimize the energy
harvesting from polycrystalline PV panels composed of 2, 3 and 4 PV cells in series and
able to supply up to 900 mA. The trimmer VR3 is connected between the PV panel and the
MPP-SET pin of the SPV1040 device and allows the maximum power extraction from the
selected PV panel to be fine tuned. Setting the VR3 = 1 k
Ω is recommended to cover most
application cases. So, other PV panels can also be used but it may be necessary to replace
some of the application components in order to make the system work in the most efficient
way. The PV panel and main application components can be replaced, but the following
guidelines must be carefully considered:
• The PV panel can be selected as long as V
OC
< 5.5 V and I
SC
< 1.65 A
• The inductor L1 can be replaced by considering that it affects the maximum peak current
and that an input overcurrent limit (1.65 A) does not have to be triggered
• The maximum output current can be limited by inserting the current sensing resistor RS1
(0
Ω by default)
For further details on component selection, please refer to Section 6 “External component
selection” of the AN3319 application note. For details on the SPV1040 device and the
LD39050 device features, please refer to the related datasheets.
www.st.com


Similar Part No. - AN4123

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN41204A PANASONIC-AN41204A Datasheet
96Kb / 8P
Optical Disc Motor Drive IC(Achieving a 1-chip motor drive)
logo
Fairchild Semiconductor
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
Design of Power Factor Correction Circuit
logo
STMicroelectronics
AN4121 STMICROELECTRONICS-AN4121 Datasheet
1Mb / 26P
Poly-phase demonstration kit with the STPMC1 and STPMS2
06-Nov-2012
AN4124 STMICROELECTRONICS-AN4124 Datasheet
569Kb / 32P
Using SPC56EL60x fault collection and control unit
17-Sep-2013
AN4125 STMICROELECTRONICS-AN4125 Datasheet
397Kb / 15P
ST has published various supporting application
15-Jun-2012
More results

Similar Description - AN4123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
AN4050 STMICROELECTRONICS-AN4050 Datasheet
1Mb / 19P
The STEVAL-ISV012V1 is a demonstration board that mounts
21-Mar-2013
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com