Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4144 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4144
Description  Voltage mode control operation and parameter optimization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4144 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4144 Datasheet HTML 6Page - STMicroelectronics AN4144 Datasheet HTML 7Page - STMicroelectronics AN4144 Datasheet HTML 8Page - STMicroelectronics AN4144 Datasheet HTML 9Page - STMicroelectronics AN4144 Datasheet HTML 10Page - STMicroelectronics AN4144 Datasheet HTML 11Page - STMicroelectronics AN4144 Datasheet HTML 12Page - STMicroelectronics AN4144 Datasheet HTML 13Page - STMicroelectronics AN4144 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Voltage mode driving
AN4144
10/28
DocID023491 Rev 3
The supply voltage of the systems limits the maximum phase current which is a function of
the motor speed. If the phase voltage which is needed to obtain the target current is greater
than the supply voltage, the phase current cannot reach the expected value (Figure 4).
Figure 4. Maximum output current limitation example
Table 2. BEMF compensation parameters normalized to the supply voltage (VBUS)
Parameter
Formula
Unit
KVAL
Intersect speed
Starting slope
Final slope
Rm IPH_TARGET /VBUS
 A
/V
=%
4Rm/2Lm
step
cycle
---------------
=
Hz

step
cycle
---------------
/H

step/s
=
Ke/4
/V
BUS
V
Hz
------- /
step
cycle
---------------

 =/ V
=% s/step
2
 L
m
IPH-TARGET Ke
+

/4
/V
BUS
V
Hz
------- /
step
cycle
---------------

 =/ V
=% s/step
^
D
s
s
s
s
D
Z
>
,
s,
AM12860V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com