Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4149 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4149
Description  Designing a CCM PFC pre-regulator based on the L4984D
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4149 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4149 Datasheet HTML 27Page - STMicroelectronics AN4149 Datasheet HTML 28Page - STMicroelectronics AN4149 Datasheet HTML 29Page - STMicroelectronics AN4149 Datasheet HTML 30Page - STMicroelectronics AN4149 Datasheet HTML 31Page - STMicroelectronics AN4149 Datasheet HTML 32Page - STMicroelectronics AN4149 Datasheet HTML 33Page - STMicroelectronics AN4149 Datasheet HTML 34Page - STMicroelectronics AN4149 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID023523 Rev 2
31/43
AN4149
FOT PFC boost control loop
where the unity gain factor Go is given by the following expression regardless of the control
method and the characteristics of the control IC:
Equation 86
In the previous expression Vc is the error signal of the voltage control loop (voltage on the
COMP pin for the L4984D), that is, the output of the error amplifier, and VCO the "zero-
power" level of the control voltage, that is, the burst mode threshold of COMP voltage (2.4 V,
typ.).
The effective control voltage Vcomp - VC0, can be expressed for the L4984D starting from the
expression of the variation of signal out from the modulator with respect to the E/A output
(COMP) change, using the formula indicated in the datasheet of the L4984D (equation 87).
Equation 87
Where km is the small signal multiplier gain assumed here equal to the large single gain km
(typ. 0.304). From this expression, replacing:
Equation 88
and rewriting equation 31 which describes the maximum inductor peak current as:
Equation 89
the effective control voltage Vcomp-VCO can be found:
Equation 90
Then this expression can be used to find the unity gain factor (equation 86):
o
C
C
out
out
o
C
V
V
V
P
G
⋅
−
⋅
=
)
(
0
()
2
_
4
.
2
FF
MULT
COMP
m
OFFSET
CS
CS
V
V
V
V
k
V
V
⋅
−
⋅
+
=
p
AC
FF
K
V
V
⋅
⋅
= 2
Lpk
S
CS
I
R
V
⋅
=
+
⋅
⋅
⋅
⋅
⋅
=
2
1
2
r
AC
out
out
pk
K
PF
V
V
I
IL
η
 +
⋅
⋅
⋅
⋅
=
−
2
1
2
0
r
m
in
p
S
C
COM P
K
K
P
K
R
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com