Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4154 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4154
Description  Power supply for energy meter and power line modem
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4154 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4154 Datasheet HTML 4Page - STMicroelectronics AN4154 Datasheet HTML 5Page - STMicroelectronics AN4154 Datasheet HTML 6Page - STMicroelectronics AN4154 Datasheet HTML 7Page - STMicroelectronics AN4154 Datasheet HTML 8Page - STMicroelectronics AN4154 Datasheet HTML 9Page - STMicroelectronics AN4154 Datasheet HTML 10Page - STMicroelectronics AN4154 Datasheet HTML 11Page - STMicroelectronics AN4154 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Winding details
AN4154
8/21
Doc ID 023578 Rev 2
3
Winding details
Table 3.
Transformer winding data
Winding name
Start
Stop
No. of turns
Wire gauge
Order of windings
1/2_Npri
3
2
60
0.2 mm
Bottom
Naux
4
5
24
0.1 mm
Above bottom 1/2 Npri
Nsec5V
7
6
10
0.35 mm
Above Naux
Nsec12V
8
7
10
0.2 mm
Above Nsec5 V
Nsec7V_iso
10
9
10
0.2 mm
Above Nsec12 V
1/2_Npri
2
1
60
0.2 mm
Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com