Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4214 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4214
Description  High power factor flyback converter using the L6564
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4214 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4214 Datasheet HTML 3Page - STMicroelectronics AN4214 Datasheet HTML 4Page - STMicroelectronics AN4214 Datasheet HTML 5Page - STMicroelectronics AN4214 Datasheet HTML 6Page - STMicroelectronics AN4214 Datasheet HTML 7Page - STMicroelectronics AN4214 Datasheet HTML 8Page - STMicroelectronics AN4214 Datasheet HTML 9Page - STMicroelectronics AN4214 Datasheet HTML 10Page - STMicroelectronics AN4214 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DocID023991 Rev 1
7/37
AN4214
SMPS description
37
2.1
PFC_OK
2.1.1
PFC_OK function in PFC operation
PFC pre-regulator output voltage monitoring/disable function: This pin senses the
output voltage of the PFC pre-regulator through a resistor divider and is used for protection
purposes. If the voltage on the pin exceeds 2.5 V the IC stops switching and restarts as the
voltage on the pin falls below 2.4 V. However, if the voltage of the INV pin falls 40 mV below
that of the pin PFC_OK, a feedback failure is assumed. In this case the device is latched off
due to feedback failure protection (FFP). Normal operation can be resumed only by cycling
VCC, bringing its value lower than 6 V before moving up to the turn-on threshold. If the
voltage on this pin is brought below 0.23 V, the IC is shut down. To restart the IC the voltage
on the pin must go above 0.27 V. This can also be used as a remote on/off control input.
Referring to the circuit portion below, R3 and R4 composes the network to activate PFC
output overvoltage shutdown.
Figure 2. Output voltage setting, OVP and FFP functions: internal block diagram
2.1.2
PFC_OK function in flyback operation
The same pin can be also be used in case of flyback converter to shut down the converter in
case of either input overvoltage or output overvoltage. For input overvoltage protection, one
can bias the pin using resistor divider network at rectified DC voltage to activate input
overvoltage protection at the required mains OVP level. Referring to the circuit portion
below, R3, R4 composes the network to activate mains overvoltage shutdown, where the
small capacitor C2 is used to average the DC value of sensing voltage at the PFC_OK pin.
In the schematic, the biasing components R2, R6, R7 and R22 comprise the input OVP
detection circuit. The divider ratio is selected to provide 2.5 V at required mains OVP level.
If output overvoltage protection is preferred instead of mains OVP, we can utilize the
auxiliary winding output used to provide the operating voltage to the controller as well as
demagnetization input to ZCD. Since we get the reflection of output voltage at auxiliary
output supply, we can simply tap the signal for PFC_OK which is programmed to 2.5 V using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com