Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0920 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0920
Description  The purpose of this document is to provide information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0920 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0920 Datasheet HTML 4Page - STMicroelectronics UM0920 Datasheet HTML 5Page - STMicroelectronics UM0920 Datasheet HTML 6Page - STMicroelectronics UM0920 Datasheet HTML 7Page - STMicroelectronics UM0920 Datasheet HTML 8Page - STMicroelectronics UM0920 Datasheet HTML 9Page - STMicroelectronics UM0920 Datasheet HTML 10Page - STMicroelectronics UM0920 Datasheet HTML 11Page - STMicroelectronics UM0920 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Board details
UM0920
8/14
Doc ID 17220 Rev 2
3.3
Transformer
The transformer was developed in cooperation with EPCOS and is available through order
number T5684-51-01. The transformer specification is as follows:
–
E16/8/5 - 60 kHz, voltage range 85 VAC - 264 VAC
–
Core shape E16/8/5
–
Core material N87
–
Core Al 100 nH (0.29 mm gap)
–
Bobbin 8-pin - B66308 - B663080A1108T001
3.4
PCB details and layout
The layout of PCB is based on a one-sided FR4, with a 35 µm thickness. The total size of
the PCB is 41 x 58 mm, and the PCB space occupied by electronic circuitry is 33 x 45 mm.
The layout of the PCB is provided in Figure 4.
Table 1.
Transformer windings
Layer
Start pin
Stop pin
Number
of turns
Wire
number
Wire
diameter
Wire
material
Inductance
Position
1
1
2
157
1
0.2
Cu2l
2450 µH
Primary
2
8
4
16
1
0.3
Cu2
26 µH
Out +7 V
3
4
7
13
1
0.3
Cu2
17 µH
Out –5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com