Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1221 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1221
Description  Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1221 Datasheet(HTML) 2 Page - Linear Technology

  LT1221_15 Datasheet HTML 1Page - Linear Technology LT1221_15 Datasheet HTML 2Page - Linear Technology LT1221_15 Datasheet HTML 3Page - Linear Technology LT1221_15 Datasheet HTML 4Page - Linear Technology LT1221_15 Datasheet HTML 5Page - Linear Technology LT1221_15 Datasheet HTML 6Page - Linear Technology LT1221_15 Datasheet HTML 7Page - Linear Technology LT1221_15 Datasheet HTML 8Page - Linear Technology LT1221_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1221
1
2
3
4
8
7
6
5
TOP VIEW
NULL
–IN
+IN
V –
NULL
V+
VOUT
NC
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
J8 PACKAGE
8-LEAD CERAMIC DIP
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V + to V –) ............................. 36V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 2) ........... Indefinite
Specified Temperature Range
LT1221C (Note 3) ................................... 0
°C to 70°C
LT1221M (OBSOLETE) ............... –55
°C to 125°C
Operating Temperature Range
LT1221C ........................................... – 40
°C TO 85°C
LT1221M (OBSOLETE) ............... –55
°C to 125°C
Maximum Junction Temperature (See Below)
Plastic Package ............................................... 150
°C
Ceramic Package (OBSOLETE) .................. 175
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1221CN8
LT1221CS8
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 190°C/W (S)
S8 PART MARKING
1221
ORDER PART
NUMBER
SPECIAL
ORDER
CONSULT
FACTORY
TJMAX = 175°C, θJA = 150°C/W
TOP VIEW
V+
NULL
NULL
–IN
VOUT
NC
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
200
600
µV
IOS
Input Offset Current
100
300
nA
IB
Input Bias Current
100
300
nA
en
Input Noise Voltage
f = 10kHz
6
nV/
√Hz
in
Input Noise Current
f = 10kHz
2
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
20
45
M
Ω
Differential
80
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range (Positive)
12
14
V
Input Voltage Range (Negative)
– 13
– 12
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
90
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
50
100
V/mV
VOUT
Output Swing
RL = 500Ω
12
13
±V
IOUT
Output Current
VOUT = ±12V
24
26
mA
SR
Slew Rate
(Note 5)
200
250
V/
µs
Full Power Bandwidth
10V Peak (Note 6)
4
MHz
GBW
Gain-Bandwidth
f = 1MHz
150
MHz
TA = 25°C, VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
OBSOLETE PACKAGE
TJMAX = 175°C, θJA = 100°C/W (J)
OBSOLETE PACKAGE
(Note 1)
LT1221MJ8
Consider the N8 or S8 Package for Alternate Source
Consider the N8 Package for Alternate Source
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com