Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1310 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 5 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1310
sn1310 1310fs
FB (Pin 1): Feedback Pin for Error Amplifier. Connect the
resistor divider here to set output voltage according to
the formula:
VOUT = 1.255(1 + R1/R2)
FB
R1
VOUT
R2
Minimize trace area at this pin.
SHDN (Pin 2): Shutdown Pin. For active mode, tie this pin
to a voltage between 2.4V and 18V. To disable the part and
go into low current mode, pull this pin below 0.4V.
PLL-LPF (Pin 3): Phase Locked-Loop Filter Pin. This is the
output of the phase detector and also the input to the
voltage controlled oscillator (VCO). Connect an RC filter
here. Typically, R = 3k and C = 1500pF. The voltage range
at the PLL-LPF pin is approximately 0V to 1.5V with 1.5V
corresponding to the maximum switching frequency. For
applications not requiring synchronization, use a pull-up
resistor at this pin; the pull-up voltage must be above 2.4V.
Set the pull-up resistor value according to:
R
VV
A
PULLUP
PULLUP
= ()
µ
–.
15
300
For a pull-up voltage of 5V:
R
VV
A
k
PULLUP =
()
µ
≈
51 5
300
11 6
–.
.
SYNC (Pin 4): Frequency Synchronization Pin. Inject the
external synchronizing signal here. The phase detector is
edge triggered and when locked the rising edge of the
sync signal will be aligned with the turn-on of the power
transistor. The SYNC signal must have a minimum HIGH
amplitude of 1.2V and a maximum LOW amplitude of
0.2V with the signal staying low for at least 100ns.
1.2V (MIN)
0.2V (MAX)
100ns (MIN)
GND (Pin 5, Exposed Pad): Ground. Tie both Pin 5 and
the exposed pad directly to local ground plane. The
ground metal to the exposed pad should be wide for better
heat dissipation. Multiple vias (local ground plane
↔
ground backplane) placed close to the exposed pad can
further aid in reducing thermal resistance. The exposed
pad must be soldered to ground for the LT1310 to function
properly.
SW (Pins 6, 7): Switch Pin. Must tie Pin 6 to Pin 7.
Connect inductor/diode here. Minimize trace area at this
pin to keep EMI down.
VIN (Pin 8): Supply Pin. Must be bypassed as close as
possible to the pin.
CT (Pin 9): Timing Capacitor Pin for VCO. Place the timing
capacitor from this pin to ground to set the frequency
range for the oscillator. Minimize trace at this pin to reduce
stray capacitance.
VC (Pin 10): Compensation Pin for Error Amplifier. Tie an
RC network here to compensate the voltage feedback
loop.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com