Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1316 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology LT1316 Datasheet HTML 13Page - Linear Technology LT1316 Datasheet HTML 14Page - Linear Technology LT1316 Datasheet HTML 15Page - Linear Technology LT1316 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1316
TYPICAL APPLICATIONS N
Super Cap Backup Supply
50V to 6V Isolated Flyback Converter
L1
47
µH
D1
0.5A
1316 TA10
RUN
RSET
33k
CONNECT TO
MAIN SUPPLY
5V
6mA
READY
1.00M
100pF
1M
R1
10k
CIN
33
µF
10V
1.00M
357k
324k
+
+
COUT
33
µF
10V
TAJB330M010R
PANASONIC EEC-S5R5V104
CIN, COUT:
CSUP:
+
CSUP
0.1F
5.5V
75
Ω
MBR0520LT3
SUMIDA CD43-470
D1:
L1:
VIN
SW
LT1316
SHDN
LBI
LBO
FB
7
2
1
65
8
4
3
RSET
GND
+
LT1316
LBI
LB0
FB
SHDN
7
1
2
604k
1%
2N3904
1.30M
1%
69.8k
1%
12.7k
50k
8
34
6
2M
510k
+VIN
25V TO
50V
0.1
µF
0.022
µF
100V
CERAMIC
1
µF
16V
CERAMIC
1N4148
C1
100
µF
16V
1N5817
T1
LPRI: 2mH
10:1:1
2
1
4
3
7
6
VOUT
6V/20mA
75% EFFICIENCY
5
Q1
1N4148
VIN
SW
RSET
GND
C1 = SANYO OS-CON 100
µF, 16V
Q1 = ZETEX ZVN 4424A
T1 = DALE LPE-4841-A313 (605-665-9301)
1316 TA11
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com