Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3728D Datasheet(PDF) 1 Page - NEC

Part # UPD3728D
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728D Datasheet(HTML) 1 Page - NEC

  UPD3728D Datasheet HTML 1Page - NEC UPD3728D Datasheet HTML 2Page - NEC UPD3728D Datasheet HTML 3Page - NEC UPD3728D Datasheet HTML 4Page - NEC UPD3728D Datasheet HTML 5Page - NEC UPD3728D Datasheet HTML 6Page - NEC UPD3728D Datasheet HTML 7Page - NEC UPD3728D Datasheet HTML 8Page - NEC UPD3728D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©
1999
DATA SHEET
µPD3728
MOS INTEGRATED CIRCUIT
The
µPD3728 is a high-speed and high sensitive color CCD (Charge Coupled Device) linear image sensor which
changes optical images to electrical signal and has the function of color separation.
The
µPD3728 has 3 rows of 7300 pixels, and it is a 2-output/color type CCD sensor with 2 rows/color of charge
transfer register, which transfers the photo signal electrons of 7300 pixels separately in odd and even pixels.
Therefore, it is suitable for 600 dpi/A3 high-speed color digital copiers and so on.
FEATURES
• Valid photocell
: 7300 pixels
× 3
• Photocell's pitch : 10
µm
• Line spacing
: 40
µm (4 lines) Red line-Green line, Green line-Blue line
• Color filter
: Primary colors (red, green and blue), pigment filter (with light resistance 107 lx•hour)
• Resolution
: 24 dot/mm (600 dpi) A3 (297
× 420 mm) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate
: 40 MHz MAX. (20 MHz/1 output)
• Output type
: 2 outputs in phase/color
• Power supply
: +12 V
• On-chip circuits
: Reset feed-through level clamp circuits
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
µPD3728D
CCD linear image sensor 36-pin ceramic DIP (600 mil)
Document No. S13878EJ1V0DS00(1st edition)
Date published April 1999 N CP(K)
Printed in Japan
7300 PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD3728D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
UPD3728DZ RENESAS-UPD3728DZ Datasheet
343Kb / 30P
MOS INTEGRATED CIRCUIT
2001
UPD3728DZ-AZ RENESAS-UPD3728DZ-AZ Datasheet
343Kb / 30P
MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD3728D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8821 NEC-UPD8821 Datasheet
292Kb / 24P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15417EJ3V0DS00 RENESAS-S15417EJ3V0DS00_15 Datasheet
338Kb / 30P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com