Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC660 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC660
Description  100mA CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC660 Datasheet(HTML) 2 Page - Linear Technology

  LTC660_15 Datasheet HTML 1Page - Linear Technology LTC660_15 Datasheet HTML 2Page - Linear Technology LTC660_15 Datasheet HTML 3Page - Linear Technology LTC660_15 Datasheet HTML 4Page - Linear Technology LTC660_15 Datasheet HTML 5Page - Linear Technology LTC660_15 Datasheet HTML 6Page - Linear Technology LTC660_15 Datasheet HTML 7Page - Linear Technology LTC660_15 Datasheet HTML 8Page - Linear Technology LTC660_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC660
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Supply Voltage (V +) .................................................. 6V
Input Voltage on Pins 1, 6, 7
(Note 2) ............................ – 0.3V < VIN < (V + + 0.3V)
Output Short-Circuit Duration to GND
(Note 5) ............................................................. 1 sec
Power Dissipation .............................................. 500mW
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
CAP+
GND
CAP
V+
OSC
LV
VOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
660
TJMAX = 100°C, θJA = 100°C/W (N)
TJMAX = 100°C, θJA = 150°C/W (S)
Consult Factory for Industrial and Military grade parts.
LTC660CN8
LTC660CS8
ORDER PART
NUMBER
S8 PART MARKING
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
RL = 1k
Inverter, LV = Open
q
3
5.5
V
Inverter, LV = GND
q
1.5
5.5
V
Doubler, LV = VOUT
q
2.5
5.5
V
IS
Supply Current
No Load
Boost = Open
q
0.08
0.5
mA
Boost = V +
q
0.23
3
mA
IOUT
Output Current
VOUT More Negative Than – 4V
q
100
mA
ROUT
Output Resistance
IL = 100mA (Note 3)
q
6.5
10
fOSC
Oscillator Frequency
Boost = Open
10
kHz
Boost = V + (Note 4)
80
kHz
Power Efficiency
RL = 1k Connected Between V + and VOUT
q
96
98
%
RL = 500Ω Connected Between VOUT and GND
q
92
96
%
IL = 100mA to GND
88
%
Voltage Conversion Efficiency
No Load
99
99.96
%
Oscillator Sink or Source Current
Boost = Open
±1.1
µA
Boost = V +
±5.0
µA
V + = 5V, C1 and C2 = 150
µF, Boost = Open, COSC = 0pF, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range; all other limits and typicals are at TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Connecting any input terminal to voltages greater than V + or less
than ground may cause destructive latch-up. It is recommended that no
inputs from source operating from external supplies be applied prior to
power-up of the LTC660.
Note 3: The output resistance is a combination of internal switch
resistance and external capacitor ESR. To maximize output voltage and
efficiency, keep external capacitor ESR < 0.2
Ω.
Note 4: fOSC is tested with COSC = 100pF to minimize the effects of test
fixture capacitance loading. The 0pF frequency is correlated to this 100pF
test point, and is intended to simulate the capacitance at Pin 7 when the
device is plugged into a test socket and no external capacitor is used.
Note 5: OUT may be shorted to GND for 1 sec without damage, but
shorting OUT to V + may damage the device and should be avoided. Also,
for temperatures above 85
°C, OUT must not be shorted to GND or V+,
even instantaneously, or device damage may result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com