Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1144 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology LTC1144 Datasheet HTML 9Page - Linear Technology LTC1144 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1144
6
1144fa
For more information www.linear.com/LTC1144
TesT circuiT
applicaTions inForMaTion
1
2
3
4
8
7
6
5
+
C1
10µF
C2
10µF
IS
VOUT
V+
15V
IL
RL
EXTERNAL
OSCILLATOR
COSC
1144 F01
LTC1144
Figure 1.
Figure 2. Switched-Capacitor Building Block
Figure 3. Switched-Capacitor Equivalent Circuit
Figure 4. LTC1144 Switched-Capacitor
Voltage Converter Block Diagram
Theory of Operation
To understand the theory of operation of the LTC1144,
a review of a basic switched-capacitor building block is
helpful.
In Figure 2, when the switch is in the left position, capaci-
tor C1 will charge to voltage V1. The total charge on C1
will be q1 = C1V1. The switch then moves to the right,
discharging C1 to voltage V2. After this discharge time,
the charge on C1 is q2 = C1V2. Note that charge has been
transferred from the source V1 to the output V2. The
amount of charge transferred is:
∆q = q1 – q2 = C1(V1 – V2)
If the switch is cycled f times per second, the charge
transfer per unit time (i.e., current) is:
I = f
× ∆q = f × C1(V1 – V2)
Rewriting in terms of voltage and impedance equivalence,
I
=
V1
− V2
1
f
×C1


=
V1
− V2
REQUIV
A new variable REQUIV has been defined such that
V2
RL
C2
C1
V1
f
1144 F02
V2
RL
REQUIV
C2
V1
1144 F03
REQUIV =
1
f
× C1
REQUIV = 1/(f × C1). Thus, the equivalent circuit for the
switched-capacitor network is as shown in Figure 3.
Examination of Figure 4 shows that the LTC1144 has the
same switching action as the basic switched-capacitor
building block. With the addition of finite switch on-
resistance and output voltage ripple, the simple theory,
although not exact, provides an intuitive feel for how the
device works.
For example, if you examine power conversion efficiency
as a function of frequency (see Figure 5), this simple
SHDN
(6)
OSC
(7)
10X
(1)
BOOST
1144 F04
OSC
÷2
V+
(8)
SW1
SW2
CAP+
(2)
CAP–
(4)
GND
(3)
VOUT
(5)
C2
C1
+
+
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com