Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1262 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1262
Description  12V, 30mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262 Datasheet(HTML) 2 Page - Linear Technology

  LTC1262 Datasheet HTML 1Page - Linear Technology LTC1262 Datasheet HTML 2Page - Linear Technology LTC1262 Datasheet HTML 3Page - Linear Technology LTC1262 Datasheet HTML 4Page - Linear Technology LTC1262 Datasheet HTML 5Page - Linear Technology LTC1262 Datasheet HTML 6Page - Linear Technology LTC1262 Datasheet HTML 7Page - Linear Technology LTC1262 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1262
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
(Note 1)
Supply Voltage (VCC) ................................................ 6V
Input Voltage (SHDN) ................... – 0.3V to VCC + 0.3V
Output Current (IOUT) ........................................... 50mA
Operating Temperature Range
LTC1262C................................................ 0
°C to 70°C
LTC1262I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL CHARACTERISTICS
Consult factory for Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
VCC = 4.75V to 5.5V, TA = – 40°C to 85°C, (Notes 2, 3), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
0mA
≤ IOUT ≤ 30mA, VSHDN = 0V, 0°C ≤ TA ≤ 70°C
q
11.4
12.6
V
0mA
≤ IOUT ≤ 30mA, VSHDN = 0V, –40°C ≤ TA ≤ 85°C
q
11.2
12.6
V
ICC
Supply Current
No Load, VSHDN = 0V, 0°C ≤ TA ≤ 70°C
q
0.5
1.0
mA
No Load, VSHDN = 0V, – 40°C ≤ TA ≤ 85°C
q
0.5
1.3
mA
ISHDN
Shutdown Supply Current
No Load, VSHDN = VCC
q
0.5
10
µA
fOSC
Oscillator Frequency
VCC = 5V, IOUT = 30mA
q
300
kHz
Power Efficiency
VCC = 5V, IOUT = 30mA
q
74
%
RSW
VCC to VOUT Switch Impedance
VCC = VSHDN = 5V, IOUT = 0mA
q
0.18
2
k
Ω
VIH
SHDN Input High Voltage
q
2.4
V
VIL
SHDN Input Low Voltage
q
0.8
V
SHDN Input Current
VCC = 5V, VSHDN = 0V, 0°C ≤ TA ≤ 70°C
q
–20
– 10
–5
µA
VCC = 5V, VSHDN = 0V, – 40°C ≤ TA ≤ 85°C
q
–35
–10
–5
µA
VCC = 5V, VSHDN = 5V
q
0.06
10
µA
tON
Turn-On Time
C1 = C2 = 0.22
µF, CIN = COUT = 4.7µF, (Figures 1, 2)
500
µs
tOFF
Turn-Off Time
C1 = C2 = 0.22
µF, CIN = COUT = 4.7µF, (Figures 1, 2)
3.3
ms
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
ORDER PART
NUMBER
LTC1262CN8
LTC1262CS8
LTC1262IS8
S8 PART MARKING
1262
1262I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com