Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N02401K Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N02401K
Description  Cat5e 350MHz Bulk Solid-Core Plenum-Rated Cable - Gray , 1000-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N02401K Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N02401K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N02401K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cat5e 350MHz Bulk Solid-Core Plenum-Rated Cable
- Gray , 1000-ft.
MODEL NUMBER: N024-01K
Description
Tripp Lite's 1,000-ft. category 5e (Cat5e) solid Gray plenum bulk cable is designed for premise (in-wall) cabling
applications in air ducts and drop ceilings. This 24 AWG 4-pair solid cable has a plenum jacket and is rated for
350MHz/1Gbps communication. Transition speed up to 100 Mbps, 10 Mbps, 10base-t and Ethernet systems up
to 100 Mbps. Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568,
ISO/IEC 11801 and ETL (category 5e, draft 11).
Features
Designed for premise (in-wall) cabling applications in air ducts and drop ceilings
Cabling for category 5 (Cat5) and 5e (Cat5e) applications
Length: 1,000 ft.
24 AWG 4-pair solid cable with smoke resistant Gray plenum (CMP) jacket
Rated for 350MHz/ 1Gbps communication
Meets most current industry standards including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 5e draft 11)
Available in stranded copper cable (N020-01K-GY), in solid PVC cable (N022-01K) and in Cat6 (N222-01K and N224-01K)
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Cable Type
Bulk; Cat5
INPUT
Cable Length (ft.)
1000
Highlights
Premium cabling for Category 5
and 5e applications — rated for
350 MHz/1Gbps communications
4pr Solid - Gray Plenum CMP
Rated Jacket
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
For premise (in-wall) cabling
applications in air ducts and
dropped ceilings for Network
Installations 1000 Base-T (1Gbps
Ethernet), 10/100 Base-T
(Ethernet), 100Mbps TPDDI, 155
Mbps ATM, ISDN, voice and
Token Ring Type 3 applications.
Package Includes
1,000 ft. Cat5e Bulk Patch Cable
Solid Gray Plenum 24AWG
350MHz
1 / 2


Similar Part No. - N02401K

ManufacturerPart #DatasheetDescription
logo
Heyco.
N024 HEYCO-N024 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N024-01K-BK TRIPPLITE-N024-01K-BK Datasheet
168Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Black, 1000 ft.
N024-01K-BL TRIPPLITE-N024-01K-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Blue, 1000 ft.
N024-01K-GY TRIPPLITE-N024-01K-GY Datasheet
170Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Gray, 1000 ft.
N024-01K-WH TRIPPLITE-N024-01K-WH Datasheet
171Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, White, 1000 ft.
More results

Similar Description - N02401K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N02001KGY TRIPPLITE-N02001KGY Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Stranded-Core PVC Cable - Gray, 1000-ft
N02201KGY TRIPPLITE-N02201KGY Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft
N22401KGY TRIPPLITE-N22401KGY Datasheet
486Kb / 2P
Cat6 Gigabit Bulk Solid Plenum-Rated PVC Cable - Gray, 1000-ft
N020-01K-GY TRIPPLITE-N020-01K-GY Datasheet
159Kb / 2P
Cat5e 350MHz Bulk Stranded-Core PVC Cable - Gray, 1000-ft., TAA
N022-01K-GY TRIPPLITE-N022-01K-GY Datasheet
174Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft., TAA
N024-01K-BK TRIPPLITE-N024-01K-BK Datasheet
168Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Black, 1000 ft.
N024-01K-BL TRIPPLITE-N024-01K-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Blue, 1000 ft.
N024-01K-GY TRIPPLITE-N024-01K-GY Datasheet
170Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, Gray, 1000 ft.
N024-01K-WH TRIPPLITE-N024-01K-WH Datasheet
171Kb / 3P
Cat5e 350 MHz Bulk Solid-Core Plenum-Rated PVC Cable, White, 1000 ft.
N028-01K-GY TRIPPLITE-N028-01K-GY Datasheet
159Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Outdoor- Rated Cable - Gray, 1000-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com