Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0048 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0048
Description  2:1 Flux Coupled Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0048 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0048_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0048_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Rev. V1
MABACT0048
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
2:1 Flux Coupled Transformer
5-200MHz
Features
•
Surface Mount
•
2:1 Impedance
•
Excellent amplitude and phase balance
•
Pb Free
•
RoHS* Compliant
•
Tape and Reel.
Description
M/A-COM Technology Solutions MABACT0048 is a
2:1 RF Flux Coupled transformer in a low cost,
surface mount package.
Ideally suited for high volume CATV/Broadband
applications. Suitable for use in 50 and 75 Ohm sys-
tems.
Pin Configuration
Pin No.
Function
1
Secondary Dot (output 1)
2
Centre Tap (ground)
3
Secondary (output 2)
4
Primary (Ground)
5
Primary Dot (Input)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Component Dimensions
Dimensions in inches [mm].
Tolerance inches: .xx ± .02, .xxx ± .010, unless otherwise
stated. Drawing not to scale.
Schematic
0.100
(2.50)


Similar Part No. - MABACT0048_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0048TR MACOM-MABACT0048TR Datasheet
77Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABACT0048TR MA-COM-MABACT0048TR Datasheet
78Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0048_V1 MA-COM-MABACT0048_V1 Datasheet
84Kb / 4P
2:1 Flux Coupled Transformer
More results

Similar Description - MABACT0048_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009387-ES0040 MA-COM-MABA-009387-ES0040 Datasheet
173Kb / 2P
RF 2:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABACT0048_V1 MA-COM-MABACT0048_V1 Datasheet
84Kb / 4P
2:1 Flux Coupled Transformer
DS-MABACT0068 MA-COM-DS-MABACT0068 Datasheet
551Kb / 3P
2:1 Flux Coupled Transformer
MABA-009387-ES0040 MA-COM-MABA-009387-ES0040 Datasheet
173Kb / 2P
RF 2:1 Flux Coupled Transformer
MABA-011017-V1 MA-COM-MABA-011017-V1 Datasheet
644Kb / 4P
Transformer, 2:1 Flux Coupled Transformer
MABACT0048 MA-COM-MABACT0048 Datasheet
84Kb / 4P
2:1 Flux Coupled Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
MABA-011017 MA-COM-MABA-011017_15 Datasheet
644Kb / 4P
Transformer, 2:1 Flux Coupled Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com