Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0059 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0059
Description  1:1 Transmission Line Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0059 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0059_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0059_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0059_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABACT0059_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1:1 Transmission Line Transformer
4.5 to 3000 MHz
Rev. V5
MABACT0059
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Electrical Specifications: Z0 = 75Ω, TA = 25°C, Pin = 0dBm
Insertion Loss 1 (Pin4 - Pin3)
Insertion Loss 2 (Pin4 - Pin1)
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
130
140
150
160
170
180
190
200
210
220
230
5
504
1003
1502
2001
2501
3000
Frequency (MHz)
Amplitude Balance
Phase Balance
4.5
4.5
4.5
4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com