Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABACT0064 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0064
Description  Transformer, 4:1 Flux coupled balun transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0064 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0064_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0064_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0064_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transformer, 4:1 Flux coupled balun transformer
1 to 650 MHz
M/A-COM Products
Released, Rev. V2
MABACT0064
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
•
Surface mount
•
4:1 Impedance ratio
•
Excellent amplitude and phase balance
•
Can be used in both 50Ω and 75Ω systems
•
RoHS* compliant and lead-free
•
Available on tape and reel.
Description
M/A Com’s MABACT064 is a 4:1 RF flux coupled
step up transformer in a low cost, surface mount
package. Ideally suited for high volume CATV/
Broadband applications.
Ordering information
Part number
Description
MABACT0064
2000 piece reel
MABA-007948-CT64TB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin configuration
Case style: SM-138
Pin No.
Function
1
Secondary (output 2)
2
Centre Tap (ground)
3
Secondary Dot (output 1)
4
Primary (Ground)
5
Primary Dot (Input)
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,
Unless otherwise stated


Similar Part No. - MABACT0064_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0064TR MACOM-MABACT0064TR Datasheet
80Kb / 3P
4:1 Flux Coupled Transformer 1-650MHz
More results

Similar Description - MABACT0064_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064 Datasheet
104Kb / 3P
Transformer, 4:1 Flux coupled balun transformer
MABA-009573-CF1A40 MA-COM-MABA-009573-CF1A40 Datasheet
122Kb / 3P
1.77:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
MABA-009852-CF1A40-V5 MA-COM-MABA-009852-CF1A40-V5 Datasheet
629Kb / 4P
1:1 Flux coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
2:1 Flux Coupled Balun Transformer
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40_15 Datasheet
629Kb / 4P
1:1 Flux coupled Balun Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com