Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1949 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 4 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1949
VC (Pin 1): Compensation Pin for Error Amplifier. Con-
nect a series RC network from this pin to ground. Typical
values for compensation are a 68k/330pF combination
when using ceramic output capacitors. Minimize trace
area at VC.
FB (Pin 2): Feedback Pin. Reference voltage is 1.24V.
Connect resistor divider tap here. Minimize trace area at
FB. Set VOUT according to: VOUT = 1.24V(1 + R1/R2).
SHDN (Pin 3): Shutdown. Pull this pin low for shutdown
mode (only the low-battery detector remains active).
Leave this pin floating or tie to a voltage between 1.4V and
6V to enable the device. SHDN pin is logic level and need
only meet the logic specification (1.4V for high, 0.4V for
low).
GND (Pin 4): Ground. Connect directly to local ground
plane.
SW (Pin 5): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
VIN (Pin 6): Supply Pin. Must be bypassed close to the
pin.
LBI (Pin 7): Low-Battery Detector Input. 200mV refer-
ence. Voltage on LBI must stay between ground and
700mV. Low-battery detector remains active in shutdown
mode.
LBO (Pin 8): Low-Battery Detector Output. Open collec-
tor, can sink 10
µA. A 1MΩ pull-up is recommended.
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
ILOAD 25mA/DIV
VIN = 3V
VOUT = 10V
L1 = 10
µH, SUMIDA CD54
COUT = 10µF CERAMIC
1949 G10
Load Regulation
VOUT
50mV/DIV
DC
COUPLED
OFFSET
ADDED
ILOAD 50mA/DIV
VIN = 4V
VOUT = 10V
L1 = 10
µH, SUMIDA CD54
COUT = 10µF CERAMIC
1949 G11
Transient Response
VOUT
100mV/DIV
AC COUPLED
50
µs/DIV
VIN = 3.3V
VOUT = 10V
CIRCUIT OF FIGURE 1
1949 G12
IL
500mA/DIV
200mA
100mA
ILOAD
TEMPERATURE (
°C)
–50
26
25
24
23
22
21
20
–25
0
25
50
1317 TPC10
75
100
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1317 TPC11
40
36
32
28
24
20
16
12
8
4
0
Quiescent Current, SHDN = 0V
FB Pin Bias Current
SHDN Pin Current
SHDN PIN VOLTAGE (V)
0
3
5
1317 TPC12
12
4
2
1
0
–1
–2
–3
6
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com