Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1350 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1350
Description  3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350 Datasheet(HTML) 4 Page - Linear Technology

  LTC1350 Datasheet HTML 1Page - Linear Technology LTC1350 Datasheet HTML 2Page - Linear Technology LTC1350 Datasheet HTML 3Page - Linear Technology LTC1350 Datasheet HTML 4Page - Linear Technology LTC1350 Datasheet HTML 5Page - Linear Technology LTC1350 Datasheet HTML 6Page - Linear Technology LTC1350 Datasheet HTML 7Page - Linear Technology LTC1350 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1350
1350fa
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (˚C)
–40
35
20
ISC
–
ISC
+
LTC1350 • TPC07
20
10
–20
0
40
5
0
40
30
25
15
60
80
100
Driver Output Voltage
vs Temperature
Receiver Input Thresholds
vs Temperature
Driver Short-Circuit Current
vs Temperature
Driver Leakage in Shutdown
vs Temperature
VCC Supply Current
vs Temperature
Supply Current vs Data Rate
TEMPERATURE (°C)
–40
–5
–4
–2
–1
0
5
2
0
40
60
LTC1350 • TPC01
–3
3
4
1
–20
20
80
100
VCC = 3.3V
OUTPUT HIGH
VCC = 3.3V
OUTPUT LOW
ALL DRIVERS WITH LOAD, RL = 3k
TEMPERATURE (˚C)
–40
1.8
2.0
VTH
+
VTH
–
2.2
20
60
LT1350 • TPC02
1.6
1.4
–20
0
40
80
100
1.2
1.0
DATA RATE (k Baud)
0
20
25
30
60
100
LTC1350 • TPC03
15
10
20
40
80
120
140
5
0
VCC = 3.3V
RL = 3k
CL = 2500pF
3 DRIVERS ACTIVE
TEMPERATURE (°C)
–40
0
0.5
1.5
2.0
2.5
5.0
3.5
0
40
60
LTC1350 • TPC04
1.0
4.0
4.5
3.0
–20
20
80
100
RL = 3k
3 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
LTC1350 • TPC05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
TEMPERATURE (˚C)
–40
14
20
ISC
–
ISC
+
LTC1350 • TPC06
8
4
–20
0
40
2
0
16
12
10
6
60
80
100
Receiver Short-Circuit Current
vs Temperature
DRIVER
OUTPUT
RL = 3k
CL = 1000pF
DRIVER
OUTPUT
RL = 3k
INPUT
LTC1350 • TPC08
RECEIVER
OUTPUT
CL = 50pF
INPUT
LTC1350 • TPC09
Driver Output Waveforms
Receiver Output Waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com